Electronic Components Datasheet Search
  English  ▼

X  

SDP2000 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SDP2000
Description  For cost sensitive HVAC and medical OEM applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SDP2000 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SDP2000 Datasheet HTML 2Page - List of Unclassifed Manufacturers SDP2000 Datasheet HTML 3Page - List of Unclassifed Manufacturers SDP2000 Datasheet HTML 4Page - List of Unclassifed Manufacturers SDP2000 Datasheet HTML 5Page - List of Unclassifed Manufacturers SDP2000 Datasheet HTML 6Page - List of Unclassifed Manufacturers SDP2000 Datasheet HTML 7Page - List of Unclassifed Manufacturers SDP2000 Datasheet HTML 8Page - List of Unclassifed Manufacturers SDP2000 Datasheet HTML 9Page - List of Unclassifed Manufacturers SDP2000 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
www.sensirion.com
v5 February 2013
8/10
5
Ordering Information
When ordering SDP1000 / SDP2000 differential pressure sensors please refer to the following part names and article
numbers. For the latest product information and local distributor check out Sensirion’s website on
http://www.sensirion.com
Table 6: Overview ordering information
Part Name
Output
Range (Full Scale)
Article Number
SDP1000-L025
Voltage 0.2 – 4.0 V, linear
± 62 Pa
± 0.62 mbar ± 0.25 "H20 ± 0.009 PSI
1-100313-03
SDP1000-L05
Voltage 0.25 - 4.0 V, linear
125 Pa
1.25 mbar
0.5 "H20
0.018 PSI
1-100235-03
SDP1000-L
Voltage 0.25 - 4.0 V, linear
500 Pa
5 mbar
2 "H20
0.07 PSI
1-100110-03
SDP2000-L
Voltage 0.25 - 4.0 V, linear
3500 Pa
35 mbar
14 "H20
0.50 PSI
1-100113-03
SDP1000-R
Voltage 0.25 - 4.0 V, square root
500 Pa
5 mbar
2 "H20
0.07 PSI
1-100111-03
SDPx000-OEM
For high quantity OEM versions (e.g. with digital output), please contact Sensirion.
-
6
Revision history
Table 7: Revision history
Date
Version
Page(s)
Changes
November 2002
Preliminary v0.9
all
First preliminary release
January 2003
First release
all
Specifications, typos, various small modifications
December 2004
V2.6
all
Introduction type L05
Juni 2005
V2.7
all
Change of address, adjusted specifications for type L05
March 2006
V2.8
all
Introduction of Sensirion USA address, updated disclaimer
March 2006
V2.9
2,6
New Calibration temperature: 23°C. Change of barbs/ports diameter
specification
October 2006
V3.0
1,8,9
RoHS statement, Introduction of revision history in this document
May 2008
V3.1
All
RoHS statement on page 3, New disclaimer on page 10, Contact
addresses updated, Various small modifications, Inconsistency in Zero
Pressure / Full Scale Output corrected
September 2008
V4.0
2-5,8
SDP2000-R discontinued, new SDP1000-L025 implemented, power
consumption, power supply dependence and temperature dependence
changed due to new SF04 sensor chip version, article number index
counted up due to new sensor chip version. Small linguistic adaptations.
October 2011
V4.1
1
Block diagram changed
February 2013
V5
all
Updated product number. Minor updates.
Notes:



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com