Electronic Components Datasheet Search
  English  ▼

X  

SDP510 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SDP510
Description  Accuracy better than 0.2% FS near zero
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SDP510 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SDP510 Datasheet HTML 2Page - List of Unclassifed Manufacturers SDP510 Datasheet HTML 3Page - List of Unclassifed Manufacturers SDP510 Datasheet HTML 4Page - List of Unclassifed Manufacturers SDP510 Datasheet HTML 5Page - List of Unclassifed Manufacturers SDP510 Datasheet HTML 6Page - List of Unclassifed Manufacturers SDP510 Datasheet HTML 7Page - List of Unclassifed Manufacturers SDP510 Datasheet HTML 8Page - List of Unclassifed Manufacturers SDP510 Datasheet HTML 9Page - List of Unclassifed Manufacturers SDP510 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
www.sensirion.com
Version 1.9 – July 2015
8/10
8. Instructions for Use
8.1
Soldering instructions
Standard wave soldering systems may be used for
soldering SDP600 series sensors. Reflow soldering is not
feasible and may damage the sensor.
The sensor ports must be protected from solder splash
and flux during soldering. Figure 6 shows an appropriate
temperature profile with maximum temperature values.
Figure 6: Suitable wave soldering profile.
The characteristics of wave soldering machines vary, so
any soldering setup must be tested before production use.
8.2
Sensor handling
The sensors of the SDP600 series are designed to be
robust and vibration resistant. Nevertheless, the accuracy
of the high-precision SDP600 series can be degraded by
rough handling. Sensirion does not guarantee proper
operation in case of improper handling. Note: avoid
applying any mechanical stress to the solder joints of the
sensor during or as a result of PCB assembly.
The sensor ships in an antistatic package to prevent
electrostatic discharge (ESD), which can damage the part.
To avoid such damage, ground yourself using a grounding
strap or by touching a grounded object. Furthermore store
the parts in the antistatic package when not in use.
8.3
Additional attachment
If necessary, the robustness of the sensor attachment to
the PCB can be increased by using a bracket as shown in
Figure 7.
Sensirion recommends using this additional bracket when
the sensor is fitted to a PCB. The bracket must be secured
before the pins are soldered to the PCB, as otherwise
sensor performance may be degraded by mechanical
stress.
Figure 7: Supplementary bracket for the SDP600 series.
8.4
Air flow and tubing
Due to the dynamic measurement principle, a small air
flow is required.
Figure 8:Typical air flow through the SDP600 series sensor.
Note: 1 sccm = 1 cm3/min at 0°C and 1013 mbar
(1 sccm = 0.001 standard liter).
This air flow through the sensor creates a dependence on
the tube length. The error is less than 1% with a tube
length up to 1 m (with 3/16 inch inside diameter).
0
-120
+120
-600
+600
0
Pressure difference (Pa)
200°C
150°C
100°C
50°C
0°C
250°C
Start
Flux zone
Preheat zone
Entrance to solder
Wave
Exit from solder
Wave
Solder Wave Peak
Temp. max. 260°C
Max 145°C
Approx. PCB
bottom-side temp.
PCB top-side
temperature
Approx.
1 min
(Time in wave < 2 s)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com