Electronic Components Datasheet Search
  English  ▼

X  

SHT30 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # SHT30
Description  Fully calibrated, linearized, and temperature compensated digital output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SHT30 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button SHT30 Datasheet HTML 12Page - List of Unclassifed Manufacturers SHT30 Datasheet HTML 13Page - List of Unclassifed Manufacturers SHT30 Datasheet HTML 14Page - List of Unclassifed Manufacturers SHT30 Datasheet HTML 15Page - List of Unclassifed Manufacturers SHT30 Datasheet HTML 16Page - List of Unclassifed Manufacturers SHT30 Datasheet HTML 17Page - List of Unclassifed Manufacturers SHT30 Datasheet HTML 18Page - List of Unclassifed Manufacturers SHT30 Datasheet HTML 19Page - List of Unclassifed Manufacturers SHT30 Datasheet HTML 20Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Datasheet SHT3x-DIS
www.sensirion.com
August 2016 - Version 3
16/20
5.2
Package Outline
Figure 14
Dimensional drawing of SHT3x-DIS sensor package
Parameter
Symbol
Min
Nom.
Max
Units Comments
Package height
A
0.8
0.9
1
mm
Leadframe height
A3
-
0.2
-
mm
Pad width
b
0.2
0.25
0.3
mm
Package width
D
2.4
2.5
2.6
mm
Center pad length
D2
1
1.1
1.2
mm
Package length
E
2.4
2.5
2.6
mm
Center pad width
E2
1.7
1.8
1.9
mm
Pad pitch
e
-
0.5
mm
Pad length
L
0.3
0.35
0.4
mm
Max cavity
S
-
-
1.5
mm
Only as guidance. This value includes all tolerances,
including displacement tolerances. Typically the opening
will be smaller.
Center pad marking
T1xT2
-
0.3x45°
-
mm
indicates the position of pin 1
Table 21 Package outline.
5.3
Land Pattern
Figure 15 shows the land pattern. The land pattern is
understood to be the open metal areas on the PCB, onto
which the DFN pads are soldered.
The solder mask is understood to be the insulating layer
on top of the PCB covering the copper traces. It is
recommended to design the solder pads as a Non-
Solder Mask Defined (NSMD) type.For NSMD pads,the
solder mask opening should provide a 60 μm to 75 μm
design clearance between any copper pad and solder
mask.As the pad pitch is only 0.5 mm we recommend to
have one solder mask opening for all 4 I/O pads on one
side.
For solder paste printing it is recommended to use a
laser-cut, stainless steel stencil with electro-polished
trapezoidal walls and with 0.1 or 0.125 mm stencil
thickness.The length of the stencil apertures for the I/O
pads should be the same as the PCB pads. However,
the position ofthe stencil apertures should have an offset
of 0.1 mm away from the center of the package.Thedie
pad aperture should cover about 70 – 90 % of the die
pad area –thus it should have a size of about 0.9 mm x
1.6 mm.
For information on the soldering process and further
recommendation on the assembly process please
consult
the
Application
Note
HT_AN_SHTxx_Assembly_of_SMD_Packages , which
can be found on the Sensirion webpage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com