Electronic Components Datasheet Search
  English  ▼

X  

STS30 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # STS30
Description  Fully calibrated and linearized digital output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

STS30 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button STS30 Datasheet HTML 6Page - List of Unclassifed Manufacturers STS30 Datasheet HTML 7Page - List of Unclassifed Manufacturers STS30 Datasheet HTML 8Page - List of Unclassifed Manufacturers STS30 Datasheet HTML 9Page - List of Unclassifed Manufacturers STS30 Datasheet HTML 10Page - List of Unclassifed Manufacturers STS30 Datasheet HTML 11Page - List of Unclassifed Manufacturers STS30 Datasheet HTML 12Page - List of Unclassifed Manufacturers STS30 Datasheet HTML 13Page - List of Unclassifed Manufacturers STS30 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
www.sensirion.com
November 2016 - Version 1
10/17
Bit
Field description
Default
value
15
Alert pending status
'0': no pending alerts
'1': at least one pending alert
‘1’
14
Reserved
‘0’
13
Heater status
‘0’ : Heater OFF
‘1’ : Heater ON
‘0’
12:11 Reserved
‘00’
10
T tracking alert
‘0’ : no alert
‘1’ . alert
‘0’
9:5
Reserved
‘xxxxx’
4
System reset detected
'0': no reset detected since last
‘clear status register’ command
'1': reset detected (hard reset, soft
reset command or supply fail)
‘1’
3:2
Reserved
‘00’
1
Command status
'0': last command executed
successfully
'1': last command not processed. It
was either invalid, failed the integrated
command checksum
‘0’
0
Write data checksum status
'0': checksum of last write transfer was
correct
'1': checksum of last write transfer
failed
‘0’
Table 16 Description of the status register.
4.11 Checksum Calculation
The 8-bit CRC checksum transmitted after each data
word is generated by a CRC algorithm. Its properties are
displayed in Table 17. The CRC covers the contents of
the two previously transmitted data bytes. To calculate
the checksum only these two previously transmitted data
bytes are used.
Property
Value
Name
CRC-8
Width
8 bit
Protected data
read and/or write data
Polynomial
0x31 (x8 + x5 + x4 + 1)
Initialization
0xFF
Reflect input
False
Reflect output
False
Final XOR
0x00
Examples
CRC (0xBEEF) = 0x92
Table 17 I2C CRC properties.
4.12 Conversion of Signal Output
Measurement data is always transferred as 16-bit values
(unsigned integer). These values are already linearized
and compensated for supply voltage effects. Converting
those raw values into a physical scale can be achieved
using the following formulas.
Temperature conversion formula (result in °C & °F):
 
 
1
1
16
T
16
T
2
S
315
49
F
T
2
S
175
45
C
T
ST denotes the raw sensor output for temperature. The
formulas work only correctly when ST is used in decimal
representation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com