Electronic Components Datasheet Search
  English  ▼

X  

ER1B Datasheet(PDF) 1 Page - Micro Commercial Components

Part # ER1B
Description  1 Amp Ultra Fast Recovery Silicon Rectifier Silicon Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

ER1B Datasheet(HTML) 1 Page - Micro Commercial Components

  ER1B Datasheet HTML 1Page - Micro Commercial Components ER1B Datasheet HTML 2Page - Micro Commercial Components ER1B Datasheet HTML 3Page - Micro Commercial Components ER1B Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ER1A
THRU
ER1M
1 Amp
Ultra Fast
Recovery
Silicon Rectifier
50 to 1000 Volts
Features
•
Easy Pick And Place
•
High Temp Soldering: 260
°C for 10 Seconds At Terminals
•
Ultrafast Recovery Times For High Efficiency
Maximum Ratings
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0A
TJ = 75
°C
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
IFM = 1.0A;
TJ = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5
µA
100
µA
TJ = 25
°C
TJ = 100
°C
Typical Junction
Capacitance
CJ
45pF
Measured at
1.0MHz, VR=4.0V
*Pulse test: Pulse width 200
µsec, Duty cycle 2%
•
Operating Temperature(Tj): -50
°C to +150°C
•
Storage Temperature(Tstg): -50
°C to +150°C
•
Maximum Thermal Resistance; 15
°C/W Junction To Lead
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
ER1M
ER1M
1000V
700V
1000V
ER1A
ER1A
50V
35V
50V
ER1B
ER1B
100V
70V
100V
ER1C
ER1C
150V
105V
150V
ER1D
ER1D
200V
140V
200V
ER1G
ER1G
400V
280V
400V
ER1J
ER1J
600V
420V
600V
ER1K
ER1K
800V
560V
800V
Maximum Reverse
Recovery Time
Trr
IF=0.5A, IR=1.0A,
Irr=0.25A
DO-214A
A
(HSMB) (
Round Lead)
H
J
E
F
G
A
B
D
C
Cathode Band
0.070”
0.090"
0.085”
SUGGESTED SOLDER
PAD LAYOUT
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.078
.116
1.98
2.95
B
.075
.089
1.90
2.25
C
.002
.008
.05
.20
D
-----
.02
-----
.51
E
.035
.055
.90
1.40
F
.065
.091
1.65
2.32
G
.205
.224
5.21
5.69
H
.160
.180
4.06
4.57
J
.130
.155
3.30
3.94
ER1A-D
50ns
          
ER1G-K
60ns
          
ER1M
100ns
          
ER1A-D
.975V
          
ER1G-K
1.35V
          
ER1M
1.60V
          
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
www.mccsemi.com
1 of 4
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
•
Moisture Sensitivity Level 1
•
Epoxy meets UL 94 V-0 flammability rating


Similar Part No. - ER1B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER1B PANJIT-ER1B Datasheet
63Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER(VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere)
logo
Transys Electronics
ER1B TRSYS-ER1B Datasheet
248Kb / 3P
SURFACE MOUNT SUPERFAST RECTIFIER
logo
Dc Components
ER1B DCCOM-ER1B Datasheet
497Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SUPER FAST RECTIFIER
logo
Micro Commercial Compon...
ER1B MCC-ER1B Datasheet
631Kb / 3P
1 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Diotec Semiconductor
ER1B DIOTEC-ER1B Datasheet
163Kb / 2P
Superfast Switching Surface Mount Si-Rectifiers
More results

Similar Description - ER1B

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
UF201 DIOTECH-UF201 Datasheet
781Kb / 2P
ULTRA FAST RECOVERY SILICON RECTIFIER
UF4001 DIOTECH-UF4001 Datasheet
660Kb / 2P
ULTRA FAST RECOVERY SILICON RECTIFIER
UF5400 DIOTECH-UF5400 Datasheet
667Kb / 2P
ULTRA FAST RECOVERY SILICON RECTIFIER
logo
Central Semiconductor C...
CBR1U-D010 CENTRAL-CBR1U-D010 Datasheet
337Kb / 2P
1 AMP ULTRA FAST SILICON BRIDGE RECTIFIER
logo
Micro Commercial Compon...
FS1K-LTP MCC-FS1K-LTP Datasheet
233Kb / 4P
1 Amp Fast Recovery Silicon Rectifier Silicon Rectifier
logo
Central Semiconductor C...
CMR2U-06 CENTRAL-CMR2U-06_15 Datasheet
296Kb / 2P
ULTRA FAST RECOVERY SILICON RECTIFIER
CPR1U-040 CENTRAL-CPR1U-040_15 Datasheet
410Kb / 2P
ULTRA FAST RECOVERY SILICON RECTIFIER
UF4001 CENTRAL-UF4001 Datasheet
105Kb / 2P
ULTRA FAST RECOVERY SILICON RECTIFIER
logo
Micro Commercial Compon...
ES1AE MCC-ES1AE_14 Datasheet
375Kb / 4P
1 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Shenzhen Yixinwei Techn...
UF201 YIXIN-UF201 Datasheet
886Kb / 2P
ULTRA FAST RECOVERY SILICON RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com