Electronic Components Datasheet Search
  English  ▼

X  

PS9814 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PS9814
Description  NECs 10 Mbps HIGH CMR OPEN COLLECTOR OUTPUT TYPE 8-PIN SOP HIGH-SPEED PHOTOCOUPLER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PS9814 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PS9814 Datasheet HTML 1Page - List of Unclassifed Manufacturers PS9814 Datasheet HTML 2Page - List of Unclassifed Manufacturers PS9814 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PS9814-1, PS9814-2
Notes:
1. Typical values at TA = 25
ºC
2. VOL of 2 V or more may be output if LED has a signal applied while VCC = 2.6 V or less. It is important to confirm the characteristics during
power up and power down, before using this device.
3. Test circuit for propagation delay time
4. Test circuit for common mode transient immunity.
PART NUMBER
PS9814-1, PS9814-2
SYMBOLS
PARAMETERS
UNITS
MIN
TYP1
MAX
IFHL
Threshold Input Current (H→L), VCC = 5 V, VO = 0.8 V, RL = 350 Ω
mA
25
RI-O
Isolation Resistance, VI-O = 1 kVDC, RH = 40 to 60 %, TA = 25
ºC
Ω
1011
CI-O
Isolation Capacitance, V = 0, f = 1 MHz
pF
0.6
tPHL
Propagation Delay Time (H→L)
3,
VCC = 5 V, RL = 350 Ω, IF= 7.5 mA
TA = 25
ºC
ns
54
75
100
tPLH
Propagation Delay Time (L→H)
3,
VCC = 5 V, RL = 350 Ω, IF= 7.5 mA
TA = 25
ºC
ns
51
75
100
tr
Rise Time, VCC = 5 V, RL = 350 Ω, IF= 7.5 mA
ns
20
tf
Fall Time, VCC = 5 V, RL = 350 Ω, IF= 7.5 mA
10
| tPHL-tPLH |
Pulse Width Distortion,VCC = 5 V, RL = 350 Ω, IF= 7.5 mA
350
tPSK
Propagation Delay Skew, VCC = 5 V, RL = 350 Ω, IF= 7.5 mA
60
CMH
Common Mode Transient Immunity at High Level Output4,
RL = 350 Ω, TA = 25ºC, IF= 0 mA, Vo (MIN) = 2 V, kΩ, VCM = 1 kV
kV/µs
10
20
CML
Common Mode Transient Immunity at Low Level Output4,
RL = 350 Ω, TA = 25ºC, IF= 7.5 mA, Vo (MIN) = 0.8 V, kΩ, VCM = 1 kV
10
20
ELECTRICAL CHARACTERISTICS (TA = -40 to +85°C, unless otherwise specified)
PS9814-1
Pulse input (IF)
(PW = 1
µs,
Duty cycle = 1/10)
Input
(Monitor)
47
Ω
VCC = 5 V
Vo (Monitor)
RL = 350
Ω
0.1
µF
CL = 15 pF
tPLH
tPHL
(PW = 1
µs,
Duty cycle = 1/10)
Input
50%
1.5 V
VOL
(IF = 7.5 mA)
Output
PS9814-2
Pulse input (IF)
Input
(Monitor)
47
Ω
VCC = 5 V
Vo (Monitor)
RL = 350 k
Ω
0.1
µF
CL = 15 pF
PS9814-1
VCC = 5 V
Vo (Monitor)
VCM
VCM
VO
VO
VOH
(IF = 0 mA)
(IF = 7.5 mA)
2 V
0.8 V
90%
1 kV
0 V
10%
tf
tr
VOL
RL = 350
Ω
0.1
µF
IF
PS9814-2
IF
SW
IF
SW
VCC = 5 V
Vo (Monitor)
RL = 350
Ω
0.1
µF
VCM
Remark CL includes probe and stray wiring capacitance



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com