Electronic Components Datasheet Search
  English  ▼

X  

MAC320FP Datasheet(PDF) 4 Page - Motorola, Inc

Part # MAC320FP
Description  Silicon Bidirectional Thyristors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC320FP Datasheet(HTML) 4 Page - Motorola, Inc

  MAC320FP Datasheet HTML 1Page - Motorola, Inc MAC320FP Datasheet HTML 2Page - Motorola, Inc MAC320FP Datasheet HTML 3Page - Motorola, Inc MAC320FP Datasheet HTML 4Page - Motorola, Inc MAC320FP Datasheet HTML 5Page - Motorola, Inc MAC320FP Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MAC320FP Series MAC320AFP Series
4
Motorola Thyristor Device Data
Figure 8. Thermal Response
0.1
5 k
2 k
1 k
500
200
100
50
20
10
10 k
t, TIME (ms)
1
0.2
0.5
5
0.02
0.1
0.01
2
1
0.5
0.2
0.05
Figure 6. Typical Holding Current
Figure 7. Maximum Nonrepetitive Surge Current
–60
120
–40
0
–20
20
40
60
80
100
140
TJ, JUNCTION TEMPERATURE (°C)
0.7
0.5
0.3
2
1
GATE OPEN
APPLIES TO EITHER DIRECTION
NUMBER OF CYCLES
10
3
7
2
5
1
300
200
100
70
50
30
3
Z
θJC(t) = r(t) • RθJC
TC = 80°C
f = 60 Hz
SURGE IS PRECEDED AND FOLLOWED BY RATED CURRENT



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com