Electronic Components Datasheet Search
  English  ▼

X  

MIC68401 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC68401
Description  4A Sequencing LDO with Tracking and Ramp Control?
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC68401 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC68401 Datasheet HTML 1Page - Micrel Semiconductor MIC68401 Datasheet HTML 2Page - Micrel Semiconductor MIC68401 Datasheet HTML 3Page - Micrel Semiconductor MIC68401 Datasheet HTML 4Page - Micrel Semiconductor MIC68401 Datasheet HTML 5Page - Micrel Semiconductor MIC68401 Datasheet HTML 6Page - Micrel Semiconductor MIC68401 Datasheet HTML 7Page - Micrel Semiconductor MIC68401 Datasheet HTML 8Page - Micrel Semiconductor MIC68401 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Micrel, Inc.
MIC68401
November 7, 2013
3
Revision 1.0
Ordering Information
Part Number
Output Current
Output Voltage
Junction Temperature Range
Package
MIC68401YML
4.0A
Adjustable
–40°C to +125°C
16-Pin 4mm × 4mm QFN
Pin Configuration
16-Pin 4mm × 4mm QFN
Pin Description
Pin Number
Pin Name
Pin Function
1, 2, 15, 16
IN
Input: Input voltage supply pin. Connect a X7R type ceramic capacitor to ground to bypass the input
supply. Use a minimum 10µF capacitance.
3
DELAY
Delay: A capacitor to ground sets the time of the internal delay timer. This timer delays the power-on
reset (POR) output at turn-on.
4
RC
Ramp Control: May be voltage driven for tracking applications or a capacitor to ground will set the
turn on slew rate of output voltage during start-up.
5
EN
Enable (Input): CMOS compatible input. Logic high = enable, logic low = shutdown.
6, 14
NC
Not internally connected.
7, 8, Tab
GND
Ground.
9
POR
Power-on-Reset: Open-drain output. When active, this output goes low impedance low, indicating that
the output is out of regulation. High (open) means VOUT is regulating within 10%. POR assertion can
be delayed by using a single capacitor from the DELAY pin, to ground.
10 (ADJ)
ADJ
Feedback Input: Connect to resistor voltage divider from the OUT pin.
11, 12, 13
OUT
Output Voltage: Output of voltage regulator. Place capacitor to ground to bypass the output voltage.
Minimum load current is 100µA. Nominal bypass capacitor is 10µF per amp of output current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com