Electronic Components Datasheet Search
  English  ▼

X  

LM56 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM56
Description  Dual Output Low Power Thermostat
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM56 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM56 Datasheet HTML 5Page - National Semiconductor (TI) LM56 Datasheet HTML 6Page - National Semiconductor (TI) LM56 Datasheet HTML 7Page - National Semiconductor (TI) LM56 Datasheet HTML 8Page - National Semiconductor (TI) LM56 Datasheet HTML 9Page - National Semiconductor (TI) LM56 Datasheet HTML 10Page - National Semiconductor (TI) LM56 Datasheet HTML 11Page - National Semiconductor (TI) LM56 Datasheet HTML 12Page - National Semiconductor (TI) LM56 Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Application Hints (Continued)
5.0
V
REF AND VTEMP CAPACTIVE LOADING
The LM56 V
REF and VTEMP outputs handle capacitive load-
ing well. Without any special precautions, these outputs can
drive any capacitive load as shown in
Figure 4 .
6.0
NOISY ENVIRONMENTS
Over the specified temperature range the LM56 V
TEMPout-
put has a maximum output impedance of 1500
Ω.Inanex-
tremely noisy environment it may be necessary to add some
filtering to minimize noise pickup. It is recommended that 0.1
µF be added from V
+ to GND to bypass the power supply
voltage, as shown in
Figure 4 . In a noisy environment it may
be necessary to add a capacitor from the V
TEMP output to
ground. A 1 µF output capacitor with the 1500
Ω output im-
pedance will form a 106 Hz lowpass filter. Since the thermal
time constant of the V
TEMP output is much slower than the
9.4 ms time constant formed by the RC, the overall response
time of the V
TEMP output will not be significantly affected. For
much larger capacitors this additional time lag will increase
the overall response time of the LM56.
7.0
APPLICATIONS CIRCUITS
The circuit shown in
Figure 5 will reduce the effective bias
current error for V
T2 as discussed in Section 3.0 to be
equivalent to the error term of V
T1. For this circuit the effect
of the bias current on the first trip point can be defined by the
following equations:
where I
B = 300 nA (the maximum specified error).
Similarly, bias current affect on V
T2 can be defined by:
where I
B = 300 nA (the maximum specified error).
The current shown in
Figure 6 is a simple overtemperature
detector for power devices. In this example, an audio power
amplifier IC is bolted to a heat sink and an LM56 Celsius
temperature sensor is mounted on a PC board that is bolted
to the heat sink near the power amplifier. To ensure that the
sensing element is at the same temperature as the heat sink,
the sensor’s leads are mounted to pads that have feed
throughs to the back side of the PC board. Since the LM56 is
sensing the temperature of the actual PC board the back
side of the PC board also has large ground plane to help
conduct the heat to the device. The comparator’s output
goes low if the heat sink temperature rises above a threshold
set by R1, R2, and the voltage reference. This fault detection
output from the comparator now can be used to turn on a
cooling fan. The circuit as shown in design to turn the fan on
when heat sink temperature exceeds about 80˚C, and to turn
the fan off when the heat sink temperature falls below ap-
proximately 75˚C.
DS012893-19
FIGURE 4. Loading of V
REF and VTEMP
DS012893-20
FIGURE 5. Reducing Errors Caused by Bias Current
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com