Electronic Components Datasheet Search
  English  ▼

X  

ESDSLC5V0LB Datasheet(PDF) 1 Page - Micro Commercial Components

Part # ESDSLC5V0LB
Description  Low clamping voltage
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

ESDSLC5V0LB Datasheet(HTML) 1 Page - Micro Commercial Components

  ESDSLC5V0LB Datasheet HTML 1Page - Micro Commercial Components ESDSLC5V0LB Datasheet HTML 2Page - Micro Commercial Components ESDSLC5V0LB Datasheet HTML 3Page - Micro Commercial Components ESDSLC5V0LB Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ESDSLC
5V0LB
ESD Protection
Device
www.mccsemi.com
Revision:
A
20
16/01/08
1 of
4
Maximum Ratings
DFN1006-2
Features
•
Ultra Low Capacitance 0.26pF typical
•
Low operating Voltage: 5.0 V
•
Low clamping voltage
•
•
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
unction Temperature: -55
°C to +125°C
Parameter
Symbol
Limits
unit
IEC61000-4-2(ESD)
Air
Contact
f15
f20
KV
Peak Pulse Current (8/20us)
4
A
Internal Structure
Suggested Solder
Pad Layout
(mm)
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
0.018
0.0
22
0.4
5
0.5
5
B
C
D
0.037
0.041
0.95
1.05
E
0.0
22
0.0
26
0.
55
0.
65
F
0.0
26 REF.
0.
650 REF.
G
0.0
03
0.007
0.
45
0.
55
0.0
05
0.007
0.
12
0.18
Halogen free available upon request by adding suffix "-HF"
•
IEC61000−4−4 (EFT) 40A (5/50ns)
IEC61000-4-5(Lightning) 4A (8/20us)
StorageTemperature: -55
°C to +150°C
•
1
2
Micro Commercial Components
M C C
TM
Peak Pulse Power (8/20us)
80
W
VESD
Ppk
Ipp
-
D
A
C
B
L
G
-
F
H
H
0.0
00
0.0
02
0.
00
0.
05
0.0
18
0.022
0.0
08
0.012
H
L
0.
07
0.
17
0.
20
0.
30
╋
╋
0.5
0.3
0.8
0.6
1.3
Marking:21
•
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#


Similar Part No. - ESDSLC5V0LB

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
ESDSLC5V0LTB-TP TECHPUBLIC-ESDSLC5V0LTB-TP Datasheet
1Mb / 4P
2-Line Ultra Low Capacitance TVS Diode
More results

Similar Description - ESDSLC5V0LB

ManufacturerPart #DatasheetDescription
logo
Shenzhen Bencent Electr...
BV03CL BENCENT-BV03CL Datasheet
298Kb / 4P
Low clamping voltage
logo
Shanghai Leiditech Elec...
SMS05 LEIDITECH-SMS05 Datasheet
161Kb / 3P
Low clamping voltage
SMS05C LEIDITECH-SMS05C Datasheet
161Kb / 3P
Low clamping voltage
logo
Shanghai Semitech Semic...
SRC0504F SEMITECH-SRC0504F Datasheet
191Kb / 3P
Low clamping voltage
logo
Micro Commercial Compon...
ESD5V0LB MCC-ESD5V0LB Datasheet
807Kb / 4P
Low clamping voltage
logo
STMicroelectronics
ESDA7P120-1U1M STMICROELECTRONICS-ESDA7P120-1U1M Datasheet
586Kb / 9P
Low clamping voltage
09-Feb-2017
ESDALC5-1BF4 STMICROELECTRONICS-ESDALC5-1BF4 Datasheet
199Kb / 10P
Low clamping voltage
06-Feb-2014
logo
Leshan Radio Company
LTVS8H4.5CAT5G LRC-LTVS8H4.5CAT5G Datasheet
689Kb / 4P
Low clamping voltage
logo
Shanghai Leiditech Elec...
SDA3311DN LEIDITECH-SDA3311DN Datasheet
740Kb / 4P
Low clamping voltage
logo
Rectron Semiconductor
TEP2105LV RECTRON-TEP2105LV Datasheet
283Kb / 4P
Low clamping voltage
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com