Electronic Components Datasheet Search
  English  ▼

X  

ESDSLC16VLB Datasheet(PDF) 2 Page - Micro Commercial Components

Part # ESDSLC16VLB
Description  Ultra Low Capacitance 0.7pF typical
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

ESDSLC16VLB Datasheet(HTML) 2 Page - Micro Commercial Components

  ESDSLC16VLB Datasheet HTML 1Page - Micro Commercial Components ESDSLC16VLB Datasheet HTML 2Page - Micro Commercial Components ESDSLC16VLB Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.mccsemi.com
Revision: A
2015/01/29
ELECTRICAL CHARACTERISTICS(Ta=25℃ unless otherwise specified)
Micro Commercial Components
M C C
TM
ESDSLC
16VLB
Parameter
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Working Voltage
VRWM
16
V
Breakdown Voltage
VBR
18
24
V
IT = 1mA
Reverse Leakage Current
IR
0.1
uA
VRWM = 16V
Clamping Voltage
VC
30
V
IPP = 1A (8 x 20µs pulse)
Junction Capacitance
CJ
0.7
0.9
pF
VR = 0V, f = 1MHz
2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com