Electronic Components Datasheet Search
  English  ▼

X  

MBR15U60 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # MBR15U60
Description  High surge Forward current capability
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBR15U60 Datasheet(HTML) 2 Page - Micro Commercial Components

  MBR15U60 Datasheet HTML 1Page - Micro Commercial Components MBR15U60 Datasheet HTML 2Page - Micro Commercial Components MBR15U60 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Revision:
A
20
15/08/25
www.mccsemi.com
2 of 3
MBR15U60
Micro Commercial Components
M C C
TM
Characteristics(Typical)
0
0
Tc(℃)
50
100
2
FIG1: IF(AV)--Tc Derating
150
4
6
8
10
12
14
16
18
20
0.4
0.6
0.8
1.0
VF(V)
FIG3:Instantaneous Forward Voltage
0.1
10
1.0
Ta=25℃
100
00.2
1
0
2
10
20
100
FIG2:Surge Forward Current Capadility
Number of Cycles
60
120
180
240
360
300
8.3ms Single Half Since-Wave
JEDEC Method
020
40
60
80
100
0.01
0.1
1.0
10
100
VRM(%)
Tj=100℃
Tj=25℃
FIG4:Typical Reverse Characteristics



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com