Electronic Components Datasheet Search
  English  ▼

X  

SX20AC Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # SX20AC
Description  Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SX20AC Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button SX20AC Datasheet HTML 9Page - List of Unclassifed Manufacturers SX20AC Datasheet HTML 10Page - List of Unclassifed Manufacturers SX20AC Datasheet HTML 11Page - List of Unclassifed Manufacturers SX20AC Datasheet HTML 12Page - List of Unclassifed Manufacturers SX20AC Datasheet HTML 13Page - List of Unclassifed Manufacturers SX20AC Datasheet HTML 14Page - List of Unclassifed Manufacturers SX20AC Datasheet HTML 15Page - List of Unclassifed Manufacturers SX20AC Datasheet HTML 16Page - List of Unclassifed Manufacturers SX20AC Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
© 2000 Scenix Semiconductor, Inc. All rights reserved.
- 13 -
www.scenix.com
SX18AC/SX20AC/SX28AC/SX18AC75/SX20AC75/SX28AC75
5.0
DEVICE CONFIGURATION REGISTERS
The SX device has three registers (FUSE, FUSEX,
DEVICE) that control functions such as operating the
device in Turbo mode, extended (8-level deep) stack
operation, and speed selection for the internal RC oscilla-
tor. These registers are not programmable “on the fly”
during normal device operation. Instead, the FUSE and
FUSEX registers can only be accessed when the SX
device is being programmed. The DEVICE register is a
read-only, hard-wired register, programmed during the
manufacturing process.
5.1
FUSE Word (Read/Program at FFFh in main memory map)
TURBO
SYNC
Reserved
Reserved
IRC
DIV1/
IFBD
DIV0/
FOSC2
Re-
served
CP
WDTE
FOSC1
FOSC0
Bit 11
Bit 0
TURBO
Turbo mode enable:
0 =
turbo (instruction clock = osc/1)
1 =
instr clock = osc/4
SYNC
Synchronous input enable (for turbo mode): This bit synchronizes the signal presented at the input pin
to the internal clock through two internal flip-flops.
0 =
enabled
1 =
disabled
IRC
Internal RC oscillator enable:
0 =
enabled - OSC1 pulled low by weak pullup, OSC2 pulled high by weak pullup
1 =
disabled - OSC1 and OSC2 behave according to FOSC2: FOSC0
DIV1: DIV0
Internal RC oscillator divider:
00b
=
4 MHz
01b
=
1 MHz
10
=
128 KHz
11b
=
32 KHz
IFBD
Internal crystal/resonator oscillator feedback resistor:
0=
disabled
Internal feedback resistor disable (external feedback required)
1=
enabled
Internal feedback resistor enabled (valid when IRC = 1)
CP
Code protect enable:
0 =
enabled (FUSE, code, and ID memories read back as garbled data)
1 =
disabled (FUSE, code, and ID memories can be read normally)
WDTE
Watchdog timer enable:
0 =
disabled
1 =
enabled
FOSC2: FOSC0 External oscillator configuration (valid when IRC = 1):
000b =
LP1 – low power crystal (32KHz)
001b =
LP2 – low power crystal/resonator (32 KHz to 1 MHz)
010b =
XT1 – normal crystal/resonator (32 KHz to 10 MHz)
011b =
XT2 – normal crystal/resonator (1MHz to 24 MHz)
100b =
HS1 – high speed crystal/resonator (1MHz to 50 MHz)
101b =
HS2 – high speed crystal/resonator (1 MHz to 50 MHz)
110b =
HS3 – high speed crystal/resonator (1 MHz to 50 MHz)
111b =
RC network - OSC2 is pulled high with a weak pullup (no CLKOUT output)
Note:
The frequencies are target values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com