Electronic Components Datasheet Search
  English  ▼

X  

SS32HE Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SS32HE
Description  High current capability
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SS32HE Datasheet(HTML) 1 Page - Micro Commercial Components

  SS32HE Datasheet HTML 1Page - Micro Commercial Components SS32HE Datasheet HTML 2Page - Micro Commercial Components SS32HE Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SS32HE
THRU
SS320HE
Schottky Rectifiers
20
- 200 Volts
Features
•
High current capability.
•
Lead Free Finish/RoHS Compliant (Note1)
SS33HE
S33L
3
0V
21
V
3
0V
20736 Marilla
Street Chatsworth

 !"#
$%   !"#
Revision:
A
20
15/09/17
www.mccsemi.com
1 of 3
Micro Commercial Components
Compliant. See ordering information)
("P"Suffix designates
•
Guardring for overvoltage protection.
•
Silicon epitaxial planar chip, metal silicon junction.
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
3
Amp
•
Operating Temperature:SS32HE~SS34HE: -55
°C to +125°C
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
•
Storage Temperature: -55
°C to +150°C
•
Typical Thermal Resistance: 15
°C/W Junction to Lead
SS35HE~SS320HE:
-55
°C to +150°C
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
3
.0A
See Fig.1
Peak Forward Surge
Current
IFSM
65
A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
IFM = 3.0A;
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
0.5m
A
TJ = 25
°C
VF
0.50V
0.70V
0.85V
32~34
35~36
38~310
•
Halogen free available upon request by adding suffix "-HF"
SOD-123HE
A
B
C
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.140
.156
3.55
3.95
B
.100
.112
2.55
2.85
D
.067
.075
1.70
1.90
G
.001
.002
0.02
0.05
D
DIMENSIONS
H
.067
.098
1.70
2.50
F
E
H
J
G
C
.035
.043
0.90
1.10
E
.028
.035
0.70
0.90
F
.004
.008
0.10
0.20
J
.016
.047
0.40
1.20
SS32HE
S32L
2
0V
14
V
2
0V
SS34HE
S34L
4
0V
28
V
4
0V
SS35HE
S35L
5
0V
35
V
5
0V
SS36HE
S36L
6
0V
42
V
6
0V
SS38HE
S38L
8
0V
56
V
8
0V
SS315HE
S315L
150V
105
V
150V
SS310HE
S310L
100V
70V
100V
SS320HE
S320L
2
00V
140
V
2
00V
315~320
0.90V
Note:
1. High Temperature Solder Exemption Applied, see EU Directive Annex 7.
Micro Commercial Components
M C C
TM


Similar Part No. - SS32HE

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
SS32H ZOWIE-SS32H Datasheet
67Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Micro Commercial Compon...
SS32HT MCC-SS32HT Datasheet
206Kb / 3P
Schottky Rectifiers 20 - 100 Volts 3 Amp
More results

Similar Description - SS32HE

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SA2121 ISC-2SA2121 Datasheet
114Kb / 2P
High Current Capability
2SA1028 ISC-2SA1028 Datasheet
69Kb / 2P
High Current Capability
BUZ30A ISC-BUZ30A Datasheet
66Kb / 2P
High current capability
logo
Chongqing Pingwei Enter...
MBR1060CT CHONGQING-MBR1060CT Datasheet
213Kb / 1P
High current capability
logo
DIYI Electronic Technol...
KBP4005 DYELEC-KBP4005 Datasheet
234Kb / 2P
High current capability
RDB151 DYELEC-RDB151 Datasheet
1Mb / 2P
High current capability
logo
Micro Commercial Compon...
SL24PL MCC-SL24PL Datasheet
356Kb / 3P
High Current Capability
logo
Vishay Siliconix
VS-SD203N VISHAY-VS-SD203N Datasheet
288Kb / 10P
High current capability
21-Nov-13
logo
Nanjing International G...
SM260.2A-DO-213AB DGNJDZ-SM260.2A-DO-213AB Datasheet
492Kb / 2P
High current capability
SM260-2A-DO-213AB DGNJDZ-SM260-2A-DO-213AB Datasheet
492Kb / 2P
High current capability
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com