Electronic Components Datasheet Search
  English  ▼

X  

SS34LHE Datasheet(PDF) 2 Page - Micro Commercial Components

Part # SS34LHE
Description  Guardring for overvoltage protection
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SS34LHE Datasheet(HTML) 2 Page - Micro Commercial Components

  SS34LHE Datasheet HTML 1Page - Micro Commercial Components SS34LHE Datasheet HTML 2Page - Micro Commercial Components SS34LHE Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Revision: A
2015/09/17
www.mccsemi.com
2 of 3
Micro Commercial Components
M C C
TM
Characteristics(Typical)
020
40
60
80
100
0.01
0.1
1.0
10
100
Voltage(%)
Tj=25℃
FIG4:Typical Reverse Characteristics
0.2
0.4
0.6
0.8
1.0
0.01
0.02
0.05
VF(V)
FIG3: Forward Voltage
0.1
1
2
4
6
0.5
Ta=25℃
SS34LHE
0
SS310LHE
SS36LHE
1
0
2
5
10
20
50
100
10
FIG2:Surge Forward Current Capadility
Number of Cycles
20
30
40
50
60
70
8.3ms Single Half Sine Wave
JEDEC Method
0
0
0.5
Ta(℃)
160
Single Phase
Half Wave 60Hz
Resistive Load
40
80
120
1.0
1.5
2.0
2.5
3.0
FIG1 Forward Current Dearting Curve



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com