Electronic Components Datasheet Search
  English  ▼

X  

TBS22D Datasheet(PDF) 1 Page - Micro Commercial Components

Part # TBS22D
Description  Glass passivated chip
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

TBS22D Datasheet(HTML) 1 Page - Micro Commercial Components

  TBS22D Datasheet HTML 1Page - Micro Commercial Components TBS22D Datasheet HTML 2Page - Micro Commercial Components TBS22D Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TBS22A
THRU
TBS22M
2.2 Amp Single Phase
Glass Passivated
Bridge Rectifier
50 to 1000 Volts
Features
Mechanical Data
MCC
Part
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
50V
35V
50V
100V
70V
100V
200V
140V
200V
400V
280V
400V
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Average Forward
Current
IF(AV)
2.2 A
Peak Forward Surge
Current
IFSM
90A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.02V
IFM =
1A;
TA = 25
OC
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
500uA
Tj = 25
Tj = 125
Typical Thermal
Resistance
RthJA
RthJL
55 /W
15 /W
Rating For Fusing
I
2t
33A2s
t<8.30ms
Notes:
1. High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7
TBS








.
311
.
339
7.90
8.60


.051
.
059
1.30
1.50

.
011
.
016
0.27
0.40

.037
.
045
0.95
1.15
.
028
.
041
0.70
1.05

.1
14
.1
22
2.90
3.10

.
0015
.
003
0.0
4
0.
08
C
.256
.
264
6.50
6.70
D
.
197
.
205
5.00
5.20
Revision:
A
2015/
12/09
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
•
Glass passivated chip
•
High surge forward current capability
www.mccsemi.com
1 of 3
O
C
5uA
O
C
O
C
O
C
A
Mounting Pad Layout
600V
420V
600V
 

Tc=110℃
•
Halogen free available upon request by adding suffix "-HF"
•
Moisture Sensitivity Level 1
•
Epoxy meets UL 94 V-0 flammability rating
Compliant. See ordering information)
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Micro Commercial Components
M C C
TM
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
B
C
D
E
F
J
K
G
H
.280(7.10
)
.079(2.00)
.071(1.80)
.360(9.15)
Dimensions in inches and (millimeters)
.
283
.
291
7.20
7.40
800V
560V
800V
1000V
700V
1000V
IFM =
2A;
1.10V
RthJC
10 /W
O
C
TBS22A
TBS22B
TBS22D
TBS22G
TBS22J
TBS22K
TBS22M
TBS22A
TBS22B
TBS22D
TBS22G
TBS22J
TBS22K
TBS22M


Similar Part No. - TBS22D

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
TBS22D MCC-TBS22D Datasheet
335Kb / 3P
2.2 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results

Similar Description - TBS22D

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
5KP170 LUGUANG-5KP170 Datasheet
425Kb / 4P
Glass passivated chip
logo
Bruckewell Technology L...
FR301_7G BWTECH-FR301_7G Datasheet
361Kb / 4P
Glass passivated chip
logo
Kersemi Electronic Co.,...
MUR2010CT KERSEMI-MUR2010CT Datasheet
1Mb / 2P
Glass passivated chip
logo
Comchip Technology
1N4728A-G COMCHIP-1N4728A-G Datasheet
125Kb / 6P
Glass passivated chip.
logo
Micro Commercial Compon...
MD100A08D1 MCC-MD100A08D1 Datasheet
476Kb / 4P
Glass passivated chip
MD100S08M3 MCC-MD100S08M3 Datasheet
512Kb / 4P
Glass passivated chip
MT110C08T1 MCC-MT110C08T1 Datasheet
545Kb / 5P
Glass passivated chip
TBS20A MCC-TBS20A Datasheet
371Kb / 3P
Glass passivated chip
logo
New Jersey Semi-Conduct...
MUR1605 NJSEMI-MUR1605 Datasheet
93Kb / 1P
Glass passivated chip
logo
Shanghai Leiditech Elec...
SMAJ3.3LIR LEIDITECH-SMAJ3.3LIR Datasheet
1,016Kb / 3P
Glass passivated chip
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com