Electronic Components Datasheet Search
  English  ▼

X  

BD809 Datasheet(PDF) 2 Page - ON Semiconductor

Part # BD809
Description  Plastic High Power Silicon Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BD809 Datasheet(HTML) 2 Page - ON Semiconductor

  BD809 Datasheet HTML 1Page - ON Semiconductor BD809 Datasheet HTML 2Page - ON Semiconductor BD809 Datasheet HTML 3Page - ON Semiconductor BD809 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BD809 (NPN), BD810 (PNP)
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
Collector−Emitter Sustaining Voltage (Note 1)
(IC = 0.1 Adc, IB = 0)
BVCEO
80
−
Vdc
Collector Cutoff Current
(VCB = 80 Vdc, IE = 0)
ICBO
−
1.0
mAdc
Emitter Cutoff Current
(VBE = 5.0 Vdc, IC = 0)
IEBO
−
2.0
mAdc
DC Current Gain
(IC = 2.0 A, VCE = 2.0 V)
(IC = 4.0 A, VCE = 2.0 V)
hFE
30
15
−
−
−
Collector−Emitter Saturation Voltage (Note 1)
(IC = 3.0 Adc, IB = 0.3 Adc)
VCE(sat)
−
1.1
Vdc
Base−Emitter On Voltage (Note 1)
(IC = 4.0 Adc, VCE = 2.0 Vdc)
VBE(on)
−
1.6
Vdc
Current−Gain Bandwidth Product
(IC = 1.0 Adc, VCE = 10 Vdc, f = 1.0 MHz)
fT
1.5
−
MHz
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
1. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2.0%.
Figure 1. Active Region DC Safe Operating Area
(see Note on page 3)
10
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
3
1
0.1
3
10
30
100
0.3
dc
5 ms
1
1 ms
.5 ms
1 ms
90
80
0
0
25
50
100
125
150
175
Figure 2. Power−Temperature Derating Curve
TC, CASE TEMPERATURE (°C)
75
10
70
60
50
40
30
20
500
IC, COLLECTOR CURRENT (AMP)
0.5
0.2
10
1.0
2.0
100
50
TJ = 150°C
25
°C
-55
°C
200
20
20
BD809 (NPN)
BD810 (PNP)
IC, COLLECTOR CURRENT (AMP)
TJ = 150°C
25
°C
-55
°C
5.0
VCE = 2.0 V
VCE = 2.0 V
10
5.0
0.5
0.2
10
1.0
2.0
20
5.0
500
100
50
200
20
5.0
10
Figure 3. DC Current Gain



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com