Electronic Components Datasheet Search
  English  ▼

X  

MJD50G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MJD50G
Description  High Voltage Power Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD50G Datasheet(HTML) 3 Page - ON Semiconductor

  MJD50G Datasheet HTML 1Page - ON Semiconductor MJD50G Datasheet HTML 2Page - ON Semiconductor MJD50G Datasheet HTML 3Page - ON Semiconductor MJD50G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MJE2955T (PNP), MJE3055T (NPN)
www.onsemi.com
3
10
5.0
Figure 1. Active−Region Safe Operating Area
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
5.0
2.0
1.0
0.2
0.1
20
30
SECOND BREAKDOWN LIMITED
BONDING WIRE LIMITED
THERMALLY LIMITED
TC = 25°C (D = 0.1)
dc
7.0
10
5.0 ms
1.0ms
50 60
0.5
7.0
3.0
0.7
0.3
TJ = 150°C
100
ms
There are two limitations on the power handling ability of
a transistor: average junction temperature and second
breakdown. Safe operating area curves indicate IC − VCE
limits of the transistor that must be observed for reliable
operation; i.e., the transistor must not be subjected to greater
dissipation than the curves indicate.
The data of Figure 1 is based on TJ(pk) = 150
°C. TC is
variable depending on conditions. Second breakdown pulse
limits are valid for duty cycles to 10% provided
TJ(pk)
≤ 150°C. At high case temperatures, thermal
limitations will reduce the power that can be handled to
values less than the limitations imposed by second
breakdown.
0
TC, CASE TEMPERATURE (°C)
75
100
175
25
50
Figure 2. DC Current Gain
125
150
500
0.01
Figure 3. Power Derating
IC, COLLECTOR CURRENT (AMP)
5.0
0.02
0.05
0.1
0.2
1.0
2.0
10
0.5
300
200
100
50
30
90
0
80
60
40
70
50
20
10
5.0
TJ = 150°C
25
°C
-55
°C
VCE = 2.0 V
30
10
20
MJE3055T
MJE2955T
0.1
IC, COLLECTOR CURRENT (AMP)
0.5
1.0
10
0.2 0.3
2.0 3.0
Figure 4. “On” Voltages
2.0
0
1.6
1.2
0.8
0.4
5.0
TJ = 25°C
VBE(sat) @ IC/IB = 10
VBE @ VCE = 3.0 V
VCE(sat) @ IC/IB = 10
MJE2955T
0.1
IC, COLLECTOR CURRENT (AMP)
0.5
1.0
10
0.2 0.3
2.0
3.0
1.4
0
1.2
1.0
0.8
0.4
5.0
TJ = 25°C
VBE(sat) @ IC/IB = 10
VBE @ VCE = 2.0 V
VCE(sat) @ IC/IB = 10
MJE3055T
0.6
0.2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com