Electronic Components Datasheet Search
  English  ▼

X  

TIP31CG Datasheet(PDF) 5 Page - ON Semiconductor

Part # TIP31CG
Description  Complementary Silicon Plastic Power Transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP31CG Datasheet(HTML) 5 Page - ON Semiconductor

  TIP31CG Datasheet HTML 1Page - ON Semiconductor TIP31CG Datasheet HTML 2Page - ON Semiconductor TIP31CG Datasheet HTML 3Page - ON Semiconductor TIP31CG Datasheet HTML 4Page - ON Semiconductor TIP31CG Datasheet HTML 5Page - ON Semiconductor TIP31CG Datasheet HTML 6Page - ON Semiconductor TIP31CG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TIP31G, TIP31AG, TIP31BG, TIP31CG (NPN), TIP32G, TIP32AG, TIP32BG,
TIP32CG (PNP)
www.onsemi.com
5
TJ, JUNCTION TEMPERATURE (°C)
103
-0.4
101
100
10-2
102
10-1
10-3
107
105
104
102
106
103
IB, BASE CURRENT (mA)
IC, COLLECTOR CURRENT (AMP)
Figure 8. DC Current Gain
Figure 9. Collector Saturation Region
IC, COLLECTOR CURRENT (AMP)
300
500
0.05 0.07
0.3
3.0
0.03
100
70
50
30
10
7.0
0.1
VBE, BASE−EMITTER VOLTAGE (VOLTS)
Figure 10. “On” Voltages
VCE = 2.0 V
5.0
0.7 1.0
0.5
1.6
2.0
2.0
5.0
20
1000
1.0
0.8
0.4
10
0
100
200
500
50
25
°C
TJ = 150°C
-55
°C
1.2
1.4
0.003
IC, COLLECTOR CURRENT (AMPS)
1.0
0.8
0.4
1.2
0.6
0.2
0
0.005 0.01 0.02 0.03 0.05
0.1
+2.5
IC = 0.3 A
20
60
80
100
120
160
140
40
TJ = 25°C
1.0 A
3.0 A
0.2 0.3 0.5
1.0
2.0 3.0
TJ = 25°C
VBE(sat) @ IC/IB = 10
VBE @ VCE = 2.0 V
VCE(sat) @ IC/IB = 10
+2.0
+1.5
+1.0
+0.5
0
-0.5
-1.0
-1.5
-2.0
-2.5
0.003 0.005 0.01
0.02
0.05
0.1
0.2 0.3 0.5
1.0
2.0 3.0
*APPLIES FOR IC/IB ≤ hFE/2
TJ = -65°C TO +150°C
*
qVC FOR VCE(sat)
qVB FOR VBE
Figure 11. Temperature Coefficients
-0.3 -0.2 -0.1
0
+0.1 +0.2 +0.3 +0.4 +0.5
+0.6
Figure 12. Collector Cut−Off Region
Figure 13. Effects of Base−Emitter Resistance
VCE = 30 V
TJ = 150°C
100
°C
25
°C
REVERSE
FORWARD
ICES
VCE = 30 V
IC = 10 x ICES
IC ≈ ICES
IC = 2 x ICES
(TYPICAL ICES VALUES
OBTAINED FROM FIGURE 12)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com