Electronic Components Datasheet Search
  English  ▼

X  

THS8083A Datasheet(PDF) 13 Page - Texas Instruments

Part # THS8083A
Description  TRIPLE 8 BIT 80 MSPS 3.3V VIDEO AND GRAPHICS
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS8083A Datasheet(HTML) 13 Page - Texas Instruments

Back Button THS8083A Datasheet HTML 9Page - Texas Instruments THS8083A Datasheet HTML 10Page - Texas Instruments THS8083A Datasheet HTML 11Page - Texas Instruments THS8083A Datasheet HTML 12Page - Texas Instruments THS8083A Datasheet HTML 13Page - Texas Instruments THS8083A Datasheet HTML 14Page - Texas Instruments THS8083A Datasheet HTML 15Page - Texas Instruments THS8083A Datasheet HTML 16Page - Texas Instruments THS8083A Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
1–7
1.7
THS8083A Terminal Functions Order (Continued)
TERMINAL
I/O/B†
TYPE‡
DESCRIPTION
NAME
NO.
I/O/B†
TYPE‡
DESCRIPTION
DIGITAL SIGNAL I/O (Continued)
CH1B2
65
O
D
Display output channel 1, bus B, bit 2
CH1B3
66
O
D
Display output channel 1, bus B, bit 3
CH1B4
67
O
D
Display output channel 1, bus B, bit 4
CH1B5
68
O
D
Display output channel 1, bus B, bit 5
CH1B6
69
O
D
Display output channel 1, bus B, bit 6
CH1B7
70
O
D
Display output channel 1, bus B, bit 7 (MSB)
CH2A0
34
O
D
Display output channel 2, bus A, bit 0 (LSB)
CH2A1
35
O
D
Display output channel 2, bus A, bit 1
CH2A2
36
O
D
Display output channel 2, bus A, bit 2
CH2A3
37
O
D
Display output channel 2, bus A, bit 3
CH2A4
38
O
D
Display output channel 2, bus A, bit 4
CH2A5
39
O
D
Display output channel 2, bus A, bit 5
CH2A6
40
O
D
Display output channel 2, bus A, bit 6
CH2A7
41
O
D
Display output channel 2, bus A, bit 7 (MSB)
CH2B0
14
O
D
Display output channel 2, bus B, bit 0 (LSB)
CH2B1
15
O
D
Display output channel 2, bus B, bit 1
CH2B2
16
O
D
Display output channel 2, bus B, bit 2
CH2B3
17
O
D
Display output channel 2, bus B, bit 3
CH2B4
59
O
D
Display output channel 2, bus B, bit 4
CH2B5
60
O
D
Display output channel 2, bus B, bit 5
CH2B6
61
O
D
Display output channel 2, bus B, bit 6
CH2B7
62
O
D
Display output channel 2, bus B, bit 7 (MSB)
CH3A0
26
O
D
Display output channel 3, bus A, bit 0 (LSB)
CH3A1
27
O
D
Display output channel 3, bus A, bit 1
CH3A2
28
O
D
Display output channel 3, bus A, bit 2
CH3A3
29
O
D
Display output channel 3, bus A, bit 3
CH3A4
30
O
D
Display output channel 3, bus A, bit 4
CH3A5
31
O
D
Display output channel 3, bus A, bit 5
CH3A6
32
O
D
Display output channel 3, bus A, bit 6
CH3A7
33
O
D
Display output channel 3, bus A, bit 7 (MSB)
CH3B0
6
O
D
Display output channel 3, bus B, bit 0 (LSB)
CH3B1
7
O
D
Display output channel 3, bus B, bit 1
CH3B2
8
O
D
Display output channel 3, bus B, bit 2
CH3B3
9
O
D
Display output channel 3, bus B, bit 3
CH3B4
10
O
D
Display output channel 3, bus B, bit 4
CH3B5
11
O
D
Display output channel 3, bus B, bit 5
CH3B6
12
O
D
Display output channel 3, bus B, bit 6
CH3B7
13
O
D
Display output channel 3, bus B, bit 7 (MSB)
† I = input to device: O = output from device B = bidirectional
‡ A = analog pin: D = digital pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com