Electronic Components Datasheet Search
  English  ▼

X  

OD5015 Datasheet(PDF) 2 Page - ORION FANS

Part # OD5015
Description  DC Fan - 12V 50 x 15mm (1.96 x .59in)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

OD5015 Datasheet(HTML) 2 Page - ORION FANS

  OD5015 Datasheet HTML 1Page - ORION FANS OD5015 Datasheet HTML 2Page - ORION FANS OD5015 Datasheet HTML 3Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Frame
PBT, UL94V-0
Notes
Tachometer
Motor
Brushless DC, imped-
ance protected
Insulation Resistance
10M ohm between
lead wire and frame
(500VDC)
*Connection:
UL1007 26AWG, black GND
Dielectric Strength
60 seconds at
500VAC, max. leakage
< 500 MicroAmp
DC Fan - 12V
50x15mm (1.96”x 0.59”)
Knight Electronics, Inc
10557 Metric Dr.
Dallas, Texas 75243
214-340-0265
OrionFans.com
Information and data
is subject to change without
prior notification
Bearing System
Ball
Temperature Range
-10C ~ +70C
Model Number
OD5015-12HB
Nominal Voltage
12 VDC
Nominal Current (Amps)
0.11 A
Rated Speed (RPM)
4800
Airflow (CFM)
14
Max. Static Pressure ( “ H2O) 0.13
Connection
2x Lead wires *
Available Options
Life Expectancy
70000 hours (40C)
Noise Level (dB)
30
Input Power (Watts)
1.68 W
Impeller
PBT, UL94V-0
Date: 063015
UL1007 26AWG, red Vcc
Weight: 27g
OD5015-12HB
Alarm
Other speeds and voltages
Voltage Range
9 ~ 13.2 VDC
Part Number
159141001



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com