Electronic Components Datasheet Search
  English  ▼

X  

5322 Datasheet(PDF) 1 Page - Mallory performance club

Part # 5322
Description  DynaForceTM 120 and 160 Amp Alternators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

5322 Datasheet(HTML) 1 Page - Mallory performance club

  5322 Datasheet HTML 1Page - Mallory performance club 5322 Datasheet HTML 2Page - Mallory performance club 5322 Datasheet HTML 3Page - Mallory performance club 5322 Datasheet HTML 4Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
M S D   •   W W W . M S D P E R F O R M A N C E . C O M   •   ( 9 1 5 )   8 5 7 - 5 2 0 0   •   F A X   ( 9 1 5 )   8 5 7 - 3 3 4 4
ONLINE PRODUCT REGISTRATION: Register your MSD product online. Registering your product
will help if there is ever a warranty issue with your product and helps the MSD R&D team create
new products that you ask for! Go to www.msdperformance.com/registration.
DynaForceTM 120 and 160 Amp Alternators
120 Amp - PN 5320, PN 5321, PN 5322, PN 5323
160 Amp - PN 5360, PN 5361, PN 5362, PN 5363
CHARGE WIRE
The MSD DynaForce Alternator is designed as a self exciting, or one-wire alternator. That means
there is only one connection necessary, from the battery positive terminal to the charge terminal on
the side of the housing. The gauge wire that is used for this charge wire varies depending on the
battery location and the current your vehicle will require. The chart in Figure 1 provides the gauge
recommended base on current demands and the length of the charge wire. Also, be sure to use
quality terminals and connections. MSD offers a charge kit, PN 5305, that is supplied with two ring
lug terminals and four feet of 4-gauge wire. Using too small of a gauge wire can result in damage to
the alternator and may void your warranty.
Parts Included:
1 – Alternator
1 – Single Groove Pulley, PN 5311
1 – Top Mounting Bolt
Parts that may be needed:
Charge Wire, PN 5305
Different Pulleys:
Dual V-Belt, PN 5312
6-Rib Serpentine, 5313
WARNING: Duringinstallation,disconnectthebatterycables.Whendisconnectingthebatteryalways
removetheNegativecablefirstandinstallitlast.
Figure 1 Charge Wire Recommendation Chart.
Recommended Charging Cable Gauge Size/Length
AMPS
The DynaForce Alternators do not require the external regulator. It can be completely removed from
the vehicle, or left in place with the wiring disconnected from the regulator. If not, the indicator lamp
in the dash will remain on. Also note that this indicator lamp will no longer be operative. If operation
of the indicator is desired, see page 4.
Up to 4'
4'-7'
7'-10'
10'-13' 13'-16'
16'-19'
19'-22'
22'-28'
105 - 125
6
6
4
4
2
2
2
0
125 - 150
6
6
4
2
2
2
2
0
150 - 175
4
4
4
2
2
0
0
0
175 - 200
4
4
2
2
0
0
0
0


Similar Part No. - 5322

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
53220A KEYSIGHT-53220A Datasheet
1Mb / 24P
RF/Universal Frequency Counter/Timers
logo
Festo Corporation.
532216 FESTO-532216 Datasheet
74Kb / 1P
Plug
532217 FESTO-532217 Datasheet
74Kb / 1P
Plug
532218 FESTO-532218 Datasheet
75Kb / 1P
Plug
532219 FESTO-532219 Datasheet
76Kb / 1P
Plug
More results

Similar Description - 5322

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SG-9CNS SANKEN-SG-9CNS Datasheet
20Kb / 1P
Rectifier Diodes for Alternators
logo
Microsemi Corporation
SBR12045 MICROSEMI-SBR12045 Datasheet
138Kb / 2P
120 AMP SCHOTTKY RECTIFIER
logo
Sanken electric
SG-9LLCNS SANKEN-SG-9LLCNS Datasheet
32Kb / 1P
Rectifier Diodes for Alternators
logo
Hantronix,Inc
HDM1216C HANTRONIX-HDM1216C Datasheet
68Kb / 1P
2 Color 120 X 160 Dots Graphic
HDM1216C-2 HANTRONIX-HDM1216C-2 Datasheet
77Kb / 1P
2 Color 120 X 160 Dots Graphic
logo
Microsemi Corporation
HS12230 MICROSEMI-HS12230 Datasheet
131Kb / 2P
120 AMP SCHOTTKY RECTIFIER
HS12035 MICROSEMI-HS12035_11 Datasheet
117Kb / 2P
120 Amp Schottky Rectifier
logo
Mallory performance clu...
5321MSD MALLORY-5321MSD Datasheet
1Mb / 4P
DynaForceTM 120 and 160 Amp Alternators
5361 MALLORY-5361 Datasheet
1Mb / 1P
DynaForceTM 120 and 160 Amp Alternators
5362 MALLORY-5362 Datasheet
1Mb / 4P
DynaForceTM 120 and 160 Amp Alternators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com