Electronic Components Datasheet Search
  English  ▼

X  

6010 Datasheet(PDF) 1 Page - Mallory performance club

Part # 6010
Description  MSD LS-1/LS-6 Controller for Carbureted and EFI Gen III Engines
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

6010 Datasheet(HTML) 1 Page - Mallory performance club

  6010 Datasheet HTML 1Page - Mallory performance club 6010 Datasheet HTML 2Page - Mallory performance club 6010 Datasheet HTML 3Page - Mallory performance club 6010 Datasheet HTML 4Page - Mallory performance club 6010 Datasheet HTML 5Page - Mallory performance club 6010 Datasheet HTML 6Page - Mallory performance club 6010 Datasheet HTML 7Page - Mallory performance club 6010 Datasheet HTML 8Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Parts Included
1 – Ignition Controller, PN 6010
1 – Pro-Data+ Software CD
1 – Harness
1 – Parts Bag
6 – Timing Modules
MSD LS-1/LS-6 Controller
for Carbureted and EFI Gen III Engines
PN 6010
Optional Accessories
Hand Held Monitor, PN 7550
Harness for Intake Mounting, PN 60101
Factory EFI Harness, PN 8886
WARNING: During installation, disconnect the battery cables. When Disconnecting, always remove
the Negative cable first and install it last.
Note: Solid core spark plug wires or non-resistor spark plugs cannot be used with an MSD Ignition
Control.
CARBURETOR
The PN 6010 Ignition Controller is designed for GM Gen III engines that have been retro-fit with an
intake manifold and carburetor. The Controller can also be used in stock, EFI applications, by using
accessory Harness PN 8886. The factory coils or MSD Coil, PN 8245, must be used. The Controller
is supplied with a wiring harness that connects to the factory connectors for a simple installation. A
shorter harness designed for mounting the unit on the intake manifold is available as PN 60101.
EFI
This Controller can also be used in stock, EFI applications, by using accessory Harness PN 8886.
This Harness allows the PN 6010 Controller to tap into the sensor signals without interrupting the OEM
ECU. The ECU and coils operate as normal while the PN 6010 controls the timing and rpm.
OPERATION
The MSD Controller offers several programmable features that allow rpm and timing adjustments. This
can be achieved through the supplied Pro-Data+ software via a PC or with the optional Hand Held
Programmer, PN 7550. Timing adjustments and selections can also be made with plug-in modules.
Software installation, operation and the programmable features of the Controller are explained in detail
in this document. More information can be found in the Pro-Data+ Software Help section.
MOUNTING
The Controller is designed to be mounted under the hood or on the firewall. Do not mount the unit
near exhaust, upside down or seal the base as that leaves no way for any moisture to escape the
unit. Four vibration mounts are supplied to mount the unit. Find a suitable location, confirm that all
of the wires reach their connections. Mark the mounting hole locations using the unit. Drill the holes
with a 3/16" bit.
WIRING
All of the wiring, except four wires, are routed into factory style connectors to ensure an easy installation.
The wire descriptions follow in the chart on pages 2 and 3.
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 57 - 5 20 0   •   F AX   ( 91 5 )   8 57 - 33 4 4
ONLINE PRODUCT REGISTRATION: Register your MSD product online. Registering your product
will help if there is ever a warranty issue with your product and helps the MSD R&D team create
new products that you ask for! Go to www.msdperformance.com/registration.


Similar Part No. - 6010

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
6010 ETC2-6010 Datasheet
158Kb / 1P
THE BREAD BOARDING MEDIUM FOR SURFACE MOUNT
logo
Schurter Inc.
6010 SCHURTER-6010 Datasheet
434Kb / 4P
IEC Appliance Inlet C14, Snap-in Mounting, Front Side, Solder or Quick-connect or Screw-on Terminal
6010 SCHURTER-6010 Datasheet
383Kb / 2P
US Power Supply Cord with IEC Connector C13, V-Lock, straight
6010 SCHURTER-6010 Datasheet
379Kb / 2P
EU Power Supply Cord with IEC Connector C13, V-Lock, straight
6010 SCHURTER-6010 Datasheet
380Kb / 2P
IEC Interconnection Cord with IEC Connector C13, V-Lock, straight
More results

Similar Description - 6010

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN6010 MALLORY-PN6010 Datasheet
381Kb / 8P
MSD LS-1/LS-6 Controller for Carbureted and EFI Gen III Engines
PN6011 MALLORY-PN6011 Datasheet
374Kb / 8P
MSD 6-Mod Controller for Carbureted and EFI Gen III Engines
PN6012 MALLORY-PN6012 Datasheet
467Kb / 8P
MSD 6LS-2 Ignition Controller for Carbureted and EFI LS 2/LS 7 Engines
PN6013 MALLORY-PN6013 Datasheet
433Kb / 8P
MSD 6-Hemi짰 Controller for Carbureted and EFI Hemi짰 Engines
PN8733 MALLORY-PN8733 Datasheet
107Kb / 2P
MSD 2-Step Launch Control for GM LS Series Engines
PN6014 MALLORY-PN6014 Datasheet
1Mb / 12P
MSD LS Ignition Control
8733 MALLORY-8733 Datasheet
107Kb / 2P
MSD 2-Step Launch Control for GM LS Series Engines
6011 MALLORY-6011 Datasheet
374Kb / 8P
MSD 6-Mod Controller for Carbureted and EFI Gen III Engines
6012 MALLORY-6012 Datasheet
467Kb / 8P
MSD 6LS-2 Ignition Controller for Carbureted and EFI LS 2/LS 7 Engines
6013 MALLORY-6013 Datasheet
433Kb / 8P
MSD 6-Hemi짰 Controller for Carbureted and EFI Hemi짰 Engines
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com