Electronic Components Datasheet Search
  English  ▼

X  

DTC115TM Datasheet(PDF) 1 Page - Rohm

Part # DTC115TM
Description  NPN 100mA 50V Digital Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC115TM Datasheet(HTML) 1 Page - Rohm

  DTC115TM Datasheet HTML 1Page - Rohm DTC115TM Datasheet HTML 2Page - Rohm DTC115TM Datasheet HTML 3Page - Rohm DTC115TM Datasheet HTML 4Page - Rohm DTC115TM Datasheet HTML 5Page - Rohm DTC115TM Datasheet HTML 6Page - Rohm DTC115TM Datasheet HTML 7Page - Rohm DTC115TM Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DTC115T series
NPN 100mA 50V Digital Transistor (Bias Resistor Built-in Transistor)
Datasheet
l
lOutline
Parameter
Value
SOT-723
SOT-323
VCEO
50V
 
 
 
 
IC
100mA
R
100kΩ
DTC115TM
DTC115TUA
l
lFeatures
(VMT3)
(UMT3)
1) Built-In Biasing Resistors, R1 = 100kΩ
2) Built-in bias resistors enable the configuration of
 an inverter circuit without connecting external
 input resistors (see inner circuit) .
3) Only the on/off conditions need to be set
 for operation, making the circuit design easy.
4) Complementary PNP Types: DTA115T series
l
lApplication
INVERTER, INTERFACE, DRIVER
l
lInner circuit
DTC115TM
DTC115TUA
l
lPackaging specifications
                                           
Part No.
Package
Package
size
Taping
code
Reel size
(mm)
Tape width
(mm)
Basic
ordering
unit.(pcs)
Marking
DTC115TM
SOT-723
(VMT3)
1212
T2L
180
8
8000
09
DTC115TUA
SOT-323
(UMT3)
2021
T106
180
8
3000
09
                                                                                         
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
1/5
20160403 - Rev.002


Similar Part No. - DTC115TM

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC115TM ROHM-DTC115TM Datasheet
73Kb / 3P
Digital transistors (built in resistor)
DTC115TM ROHM-DTC115TM Datasheet
143Kb / 3P
100mA / 50V Digital transistors (with built-in resistors)
DTC115TM ROHM-DTC115TM Datasheet
991Kb / 3P
100mA / 50V Digital transistors(with built-in resistors)
logo
ON Semiconductor
DTC115TM3 ONSEMI-DTC115TM3 Datasheet
143Kb / 11P
Digital Transistors (BRT) R1 = 100 k R2 = k
February, 2012 ??Rev. 1
DTC115TM3 ONSEMI-DTC115TM3 Datasheet
134Kb / 11P
Digital Transistors (BRT)
November, 2016 ??Rev. 2
More results

Similar Description - DTC115TM

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC115ECA ROHM-DTC115ECA Datasheet
1Mb / 8P
NPN 100mA 50V Digital Transistor
DTC023E ROHM-DTC023E Datasheet
1Mb / 10P
NPN 100mA 50V Digital Transistor
DTC023J ROHM-DTC023J Datasheet
1Mb / 10P
NPN 100mA 50V Digital Transistor
DTC023Y ROHM-DTC023Y Datasheet
1Mb / 10P
NPN 100mA 50V Digital Transistor
DTC043E ROHM-DTC043E Datasheet
1Mb / 10P
NPN 100mA 50V Digital Transistor
DTC115E ROHM-DTC115E Datasheet
1Mb / 13P
NPN 100mA 50V Digital Transistor
DTC123E ROHM-DTC123E Datasheet
1Mb / 12P
NPN 100mA 50V Digital Transistor
DTC124GUA ROHM-DTC124GUA_16 Datasheet
1Mb / 8P
NPN 100mA 50V Digital Transistor
DTC124T ROHM-DTC124T Datasheet
1Mb / 8P
NPN 100mA 50V Digital Transistor
DTC124X ROHM-DTC124X Datasheet
1Mb / 11P
NPN 100mA 50V Digital Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com