Electronic Components Datasheet Search
  English  ▼

X  

PS5150 Datasheet(PDF) 1 Page - Pixart Imaging Inc.

Part # PS5150
Description  PS5150 HD-720p CMOS IMAGE SENSOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PS5150 Datasheet(HTML) 1 Page - Pixart Imaging Inc.

  PS5150 Datasheet HTML 1Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PS5150
DATA SHEET FLYER
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PrimeSensor Technology Inc.
E-mail: fae_service@primesensor.com.tw
PS5150 HD-720p CMOS IMAGE SENSOR
General Description
The PS5150 is a highly integrated CMOS active-pixel image sensor that output of 1280x720 (HD-720p) pixels.
It embedded the new FinePixel™ sensor technology to perform the excellent image quality. PS5150 outputs 12-bit
RGB raw data through a parallel data bus. It is available in CSP package.
The PS5150 can be programmed to set the exposure time for different luminance condition via I2CTM serial
control bus. By programming the internal register set, it performs on-chip frame rate adjustment, offset correction
DAC and programmable gain control.
Features
 Bayer-RGB color filter array
 Output format:
12-bit RAW RGB
 Parallel output
 On-chip 12-bit pipelined A/D converter
 On-chip manual analog gain control
 Continuous variable frame time & exposure
time
I2CTMInterface
Automatic black-levelcalibration
High temperature compensation
Black sun cancellation
WOI
Dummy line & pixel timing
Output Hsync at Vsync
PLL(input_clock / PLL_m >= 1MHz)
Built-in 1.8V regulator
Specifications
Parameter
Typical Value
Active array size
1296(H) x 732(V)
Pixel size
4.2um (H) x 4.2um (V)
Shutter type
Electronic rolling shutter (ERS)
Optical format
1/2.9-inch
Lens chief ray angle
12 degree
ADC
12-bit
Sensitivity
8800 mV/Lux-sec
SNRmax
35dB
Dynamic range
68 dB
Scan mode
Progressive scan
Input clock
Max 50Hz
Pixel clock
Max 91MHz
Max. frame rate
720p: 1280x720 @60fps
VGA: 640x480 @180fps
Supply voltage
Analog: 3.3 V
Digital: 1.8 V
I/O: 1.8V~3.3V
Power consumption
350mW
Operating temperature
-30oC ~ 70oC
Applications
Surveillance HD-CCTV Camera
Surveillance IP Camera
Car Video Recorder
Automotive Camera
Video Door Phone
Ordering Information
Part Number
Description
PS5150LT
46-Ball CSP


Similar Part No. - PS5150

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS51 ETC-PS51 Datasheet
25Kb / 1P
Piercing Saw Frame & Blades
logo
Turck, Inc.
PS510-100-01-2UPN8-H1141 TURCK-PS510-100-01-2UPN8-H1141 Datasheet
646Kb / 3P
Pressure Sensor – Relative Pressure: 0…100 Bar
11/07/2023
PS510-100-03-2UPN8-H1141 TURCK-PS510-100-03-2UPN8-H1141 Datasheet
655Kb / 3P
Pressure Sensor – Relative Pressure: 0…100 Bar
11/08/2023
PS510-10V-01-2UPN8-H1141 TURCK-PS510-10V-01-2UPN8-H1141 Datasheet
650Kb / 3P
Pressure sensor – Relative Pressure: -1…10 Bar
11/07/2023
PS510-10V-03-2UPN8-H1141 TURCK-PS510-10V-03-2UPN8-H1141 Datasheet
655Kb / 3P
Pressure Sensor – Relative Pressure: -1…10 Bar
11/07/2023
More results

Similar Description - PS5150

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV9726 OMNIVISION-OV9726 Datasheet
864Kb / 2P
OV9726 720p HD product brief
OV9740 OMNIVISION-OV9740 Datasheet
904Kb / 2P
OV9740 720p HD product brief
logo
ON Semiconductor
AR0230 ONSEMI-AR0230 Datasheet
959Kb / 36P
Full HD Digital Image Sensor
Rev. 8, Pub. 11/15 EN
logo
Pixart Imaging Inc.
PAS5120 PIXART-PAS5120 Datasheet
148Kb / 1P
PAS5120 HD-720p CMOS IMAGE SENSOR
PAS5130 PIXART-PAS5130 Datasheet
145Kb / 1P
PAS5130 HD-960p CMOS IMAGE SENSOR
PS5220 PIXART-PS5220 Datasheet
147Kb / 1P
PS5150 HD-1080p CMOS IMAGE SENSOR
PS5226 PIXART-PS5226 Datasheet
147Kb / 1P
PS5150 HD-1080p CMOS IMAGE SENSOR
logo
OmniVision Technologies...
OV9733 OMNIVISION-OV9733 Datasheet
4Mb / 2P
720p HD product brief
OV9750 OMNIVISION-OV9750 Datasheet
799Kb / 2P
720p HD product brief
logo
Leopard Imaging Inc.
LI-CAM-OV10640-MIPI LEOPARD-LI-CAM-OV10640-MIPI Datasheet
280Kb / 1P
CMOS HD image sensor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com