Electronic Components Datasheet Search
  English  ▼

X  

6520 Datasheet(PDF) 1 Page - Mallory performance club

Part # 6520
Description  MSD 7AL-2 Plus Ignition
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

6520 Datasheet(HTML) 1 Page - Mallory performance club

  6520 Datasheet HTML 1Page - Mallory performance club 6520 Datasheet HTML 2Page - Mallory performance club 6520 Datasheet HTML 3Page - Mallory performance club 6520 Datasheet HTML 4Page - Mallory performance club 6520 Datasheet HTML 5Page - Mallory performance club 6520 Datasheet HTML 6Page - Mallory performance club 6520 Datasheet HTML 7Page - Mallory performance club 6520 Datasheet HTML 8Page - Mallory performance club 6520 Datasheet HTML 9Page - Mallory performance club Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
INSTALLATION INSTRUCTIONS
1
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 57 - 5 20 0   •   F AX   ( 91 5 )   8 57 - 33 4 4
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 57 - 5 20 0   •   F AX   ( 91 5 )   8 57 - 33 4 4
Parts Included:
1 - MSD Ignition
1 - Harness, PN 8860
1 - Parts Bag, ASY 19864
WARNING: During installation, disconnect the battery cables. When disconnecting the battery always remove
the Negative cable first and install it last.
Note: Solid Core spark plug wires cannot be used with an MSD Ignition.
Important: When installing a Digital Series Ignition, the timing must be checked and reset to your engine's
specifications.
REV LIMITER
This Ignition features a built-in Soft Touch Rev Control with two different rpm limits. The Soft Touch circuitry
provides a smooth and accurate rev limit by dropping the spark to individual cylinders. The Soft Touch
produces a load-free rev limit that is within 1% of the selected rpm.
You can select two rev limits; one for a low limit that can be used when staging the car, and another limit
for top end overrev protection. Both rpm limits are adjusted in 100 rpm increments with the sealed rotary
switches on the side of the ignition. Using and programming the Two Step is explained in detail on page 6.
OPERATION AND FEATURES
Note: Do not use digital or dial back timing lights.
DIGITAL OPERATION
The MSD Digital 6 Plus uses a high speed RISC microcontroller to control the ignition’s output while
constantly analyzing the various inputs such as supply voltage, trigger signals and rpm. The high speed
controller can make extremely quick compensations to the output voltage, multiple spark series, timing and
rpm limits while maintaining accurate timing signals to within 1° and 1% of the rpm limits. The circuits and
controller of the Digital 6 Plus have been thoroughly debounced and isolated to create protection against
Electro Magnetic Interference (EMI).
CAPACITIVE DISCHARGE
The MSD Digital 6 Plus features a capacitive discharge ignition design. The majority of stock ignition systems
are inductive ignitions. In an inductive ignition, the coil must store and step up the voltage to maximum
strength in between each firing. At higher rpm, since there is less time to charge the coil to full capacity, the
voltage falls short of reaching maximum energy which results in a loss of power or top end miss.
The MSD Ignition features a capacitor which is quickly charged with 520 - 535 volts and stores it until the
ignition is triggered. With the CD design, the voltage sent to the coil is always at full power even at high rpm.
MULTIPLE SPARKS
The MSD produces full power multiple sparks for each firing of a plug. The number of multiple sparks that
occur decreases as rpm increases, however the spark series always lasts for 20° of crankshaft rotation.
Above 3,300 rpm there is simply not enough “time” to fire the spark plug more than once, so there is only
one powerful spark.
MSD Digital 6 Plus Ignition Control
PN 6520
ONLINE PRODUCT REGISTRATION: Register your MSD product online. Registering your product
will help if there is ever a warranty issue with your product and helps the MSD R&D team create
new products that you ask for! Go to www.msdperformance.com/registration.


Similar Part No. - 6520

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
6520 BOARDCOM-6520 Datasheet
273Kb / 6P
Scalable Enterprise-Class SAN Switch for Highly Virtualized, Cloud Environments
logo
Klein Tools, Inc.
65200 KLEIN-65200 Datasheet
5Mb / 2P
SLIM-PROFILE MINI RATCHET SET
Rev. 9/20 B
logo
Aries Electronics, Inc.
652000 ARIES-652000 Datasheet
667Kb / 1P
Converts PLCC packaged ICs to DIP footprints
logo
Littelfuse
6520000000 LITTELFUSE-6520000000 Datasheet
514Kb / 1P
652 Series Circuit Board Mount Enclosed Fuse Holders for 5횞20mm Fuses
Revised: 12/19/13
logo
Alpha Wire
65203 ALPHAWIRE-65203 Datasheet
407Kb / 4P
12 (65/30) AWG Bare Copper
More results

Similar Description - 6520

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN7222 MALLORY-PN7222 Datasheet
1Mb / 16P
MSD 7AL-2 Plus Ignition
PN7330 MALLORY-PN7330 Datasheet
1Mb / 12P
MSD 7AL-3, Ignition Control
PN7805 MALLORY-PN7805 Datasheet
972Kb / 8P
MSD-8 Plus Ignition
PN62152 MALLORY-PN62152 Datasheet
1Mb / 16P
MSD DIS-4 Plus Ignition
72223 MALLORY-72223 Datasheet
1Mb / 16P
MSD 7AL-2 Plus Ignition
PN62112 MALLORY-PN62112 Datasheet
1Mb / 16P
MSD DIS-2 Plus Ignition
PN72223 MALLORY-PN72223 Datasheet
1Mb / 16P
MSD 7AL-2 Plus Ignition
7222 MALLORY-7222 Datasheet
1Mb / 16P
MSD 7AL-2 Plus Ignition
7805 MALLORY-7805 Datasheet
972Kb / 8P
MSD-8 Plus Ignition
62152 MALLORY-62152 Datasheet
1Mb / 16P
MSD DIS-2 Plus Ignition
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com