Electronic Components Datasheet Search
  English  ▼

X  

7720 Datasheet(PDF) 1 Page - Mallory performance club

Part # 7720
Description  MSD Power Grid 7 Ignition Control
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

7720 Datasheet(HTML) 1 Page - Mallory performance club

  7720 Datasheet HTML 1Page - Mallory performance club 7720 Datasheet HTML 2Page - Mallory performance club 7720 Datasheet HTML 3Page - Mallory performance club 7720 Datasheet HTML 4Page - Mallory performance club 7720 Datasheet HTML 5Page - Mallory performance club 7720 Datasheet HTML 6Page - Mallory performance club 7720 Datasheet HTML 7Page - Mallory performance club 7720 Datasheet HTML 8Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Parts Included:
1 - MSD PowerGrid 7 Ignition Controller
1 - Wire Harness
1 - Parts Bag
WARNING: During installation, disconnect the battery cables. When disconnecting, always remove
the Negative cable first and install it last.
Note: Solid core spark plug wires cannot be used with an MSD Ignition Control.
MSD Power Grid 7 Ignition Control
PN 7720
The Power Grid 7 Ignition Control was specifically designed to pair with the Power Grid System
Controller, PN 7730. This Ignition system is designed for racing applications; it is not for sale for legal
use on highways.
SPECIFICATIONS
Spark Energy: 200 – 220 milliJoules/spark
Primary Voltage: 545 – 570 volts
Secondary Voltage: 50,000 volts plus
Spark Series Duration: 20° Crankshaft Rotation
RPM Range: 15,000 rpm with 14.4 volts
Voltage Required: 12 – 18 volts, Negative Ground
Current Draw: 1.3 Amp per 1,000 rpm
Weight and Size: 2.9 LBS, 7.5”L x 5”W x 2.25” H
GENERAL INFORMATION
BATTERY
An MSD Power Grid 7 Ignition Control will operate on any negative ground, 12 volt electrical system
with a distributor. The MSD can be used with 18 volt batteries and can withstand a momentary 24
volts in case of jump starts. The Ignitions will deliver full voltage with a supply of 10 - 18 volts and
will operate with a supply voltage as low as five volts.
If your application does not use an alternator, allow at least 15 amp/hour for every half hour of operation.
If the engine is cranked with the same battery or other accessories such as an electric fuel or water
pump, the amp/hour rating should be higher.
COILS
It is recommended to use either the Pro Power HVC, PN 8251, or Pro Power HVC II, PN 8261. If you
have any questions concerning coils, contact our Customer Service Department at (915) 855-7123.
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 57 - 5 20 0   •   F AX   ( 91 5 )   8 57 - 33 4 4
ONLINE PRODUCT REGISTRATION: Register your MSD product online. Registering your product
will help if there is ever a warranty issue with your product and helps the MSD R&D team create
new products that you ask for! Go to www.msdperformance.com/registration.


Similar Part No. - 7720

ManufacturerPart #DatasheetDescription
logo
Bi technologies
7720 BITECH-7720 Datasheet
59Kb / 4P
Power Factor Correction Module
logo
List of Unclassifed Man...
7720 ETC2-7720 Datasheet
297Kb / 1P
SPACERS , STANDOFFS
logo
Extreme Networks.
7720 EXTREMENETWORKS-7720 Datasheet
216Kb / 8P
Universal Aggregation/Core Switch Platform
15apr24
logo
Keystone Electronics Co...
7720 KEYSTONE-7720 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
Bi technologies
7720-1-EVM BITECH-7720-1-EVM Datasheet
237Kb / 6P
PFC DESIGN TIPS & TECHNIQUES
More results

Similar Description - 7720

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN6421 MALLORY-PN6421 Datasheet
2Mb / 28P
MSD 6AL-2 Ignition Control
PN6520 MALLORY-PN6520 Datasheet
3Mb / 24P
MSD Digital 6 Plus Ignition Control
PN7330 MALLORY-PN7330 Datasheet
1Mb / 12P
MSD 7AL-3, Ignition Control
PN7720 MALLORY-PN7720 Datasheet
595Kb / 8P
MSD Power Grid 7 Ignition Control
PN6014 MALLORY-PN6014 Datasheet
1Mb / 12P
MSD LS Ignition Control
6014 MALLORY-6014 Datasheet
1Mb / 12P
MSD LS Ignition Control
6014CT MALLORY-6014CT Datasheet
1Mb / 8P
MSD Circle Track LS Ignition Control
60143 MALLORY-60143 Datasheet
1Mb / 12P
MSD LS Ignition Control
PN6014CT MALLORY-PN6014CT Datasheet
1Mb / 8P
MSD Circle Track LS Ignition Control
PN6201 MALLORY-PN6201 Datasheet
1Mb / 20P
MSD Digital 6A and 6AL Ignition Control
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com