| Electronic Components Datasheet Search |
|
7805 Datasheet(PDF) 4 Page - Mallory performance club |
|
|
|||||||||||||||||||||||||||||
7805 Datasheet(HTML) 4 Page - Mallory performance club |
|
4 / 8 page ![]() 4 INSTALLATION INSTRUCTIONS MSD • W W W. M S D PE R F OR M A NC E . C OM • ( 91 5 ) 8 57 - 5 20 0 • F AX ( 91 5 ) 8 57 - 33 4 4 ROUTING WIRES The MSD wires should be routed away from direct heat sources such as exhaust manifolds and headers and any sharp edges. The trigger wires should be routed separate from the other wires and spark plug wires. It is best if they are routed along a ground plane such as the block or firewall which creates an electrical shield. The magnetic pickup wires should always be routed separately and should be twisted together to help reduce extraneous interference (the harness supplied is already twisted). The chart shows the polarity of other common magnetic pickups. If using a different magnetic pickup, use the MSD 2-Pin connector, available as PN 8824, for a direct plug-in installation. WARNING: The MSD-8-Series Ignitions are capacitive discharge ignitions. High voltage is present at the coil primary terminals. Do not touch the coil or connect test equipment to the terminals. PRESTART CHECK LIST •TheonlywiresconnectedtothecoilterminalsaretheMSD Orange to coil positive and Black to coil negative. •ThesmallRedwireoftheMSDisconnectedtoaswitched 12 volt source. •TheMSDpowerleadsareconnecteddirectlytothebatterypositiveandnegativeterminals. •Thebatteryisconnectedandfullychargedifnotusinganalternator. •Theengineisequippedwithatleastonegroundstraptothechassis. TROUBLESHOOTING Every MSD Ignition undergoes numerous quality control checks including a four hour burn-in test. If you experience a problem with your MSD, our research has shown that the majority of problems are due to improper installation or poor connections. The Troubleshooting section has several checks and tests you can perform to ensure proper installation and operation of the MSD. If you have any questions concerning your MSD, call our Customer Support Department at (915) 855-7123, 7 - 6 mountain time. MISSES AND INTERMITTENT PROBLEMS Experience at the races has shown that if your engine is experiencing a miss or hesitation at higher rpm, it is usually not directly ignition related. Most probable causes include a coil or plug wire failure, arcing from the cap or boot plug to ground or spark ionization inside the cap. Several items to inspect are: •Alwaysinspecttheplugwiresatthecapandattheplugforatightconnectionandvisually inspect for cuts, abrasions or burns. •InspectthePrimaryCoilWireconnections.BecausetheMSDisaCapacitiveDischarge ignition and it receives a direct 12 volt source from the battery, there will not be any voltage at the Coil Positive (+) terminal even with the key turned On. During cranking or while the engine is running, very high voltage will be present and no test equipment should be connected. •Makesurethatthebatteryisfullychargedandtheconnectionsarecleanandtight.Ifyou are not running an alternator this is an imperative check. If the battery voltage falls below 10 volts during a race, the MSD output voltage will drop. Common Mag Pickup Wires Distributor Colors Mag+ Mag- MSD Org/Blk Vio/Blk MSD Crank Trigger Org/Blk Vio/Blk Ford Orange Purple Accel 46/48000 Series Org/Blk Vio/Blk Accel 51/61000 Series Red Black Chrysler Org/Wht Black Mallory Org/Blk Vio/Blk Figure 4 Common Mag Pickup Wires. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |