Electronic Components Datasheet Search
  English  ▼

X  

8147 Datasheet(PDF) 1 Page - Mallory performance club

Part # 8147
Description  Pro Mag 44 Electronic Points Box
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

8147 Datasheet(HTML) 1 Page - Mallory performance club

  8147 Datasheet HTML 1Page - Mallory performance club 8147 Datasheet HTML 2Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TO GROUND
ON CYLINDER
HEAD
BLACK
RED
IGNITION
TM
CHASSIS
GROUND
Figure 1 Wiring the Pro Mag 44 Electronic Points Box.
IMPORTANT: Read these instructions completely before attempting the installation.
Parts Included:
1 - 44 Amp Electronic Points Box
1 - Parts bag including wiring and connectors
4 - Vibration Mounts
4 - RPM Module (PN 8147 only)
MOUNTING
The Electronic Points Box may be mounted in any position as long as it is kept clear of direct
engine heat sources. Use the Box as a template and mark the location of the mounting holes. Make
sure the wiring harness reaches the Pro Mag and Coil. Remove the unit and drill the holes using an
1/8" drill bit. The supplied vibration mounts must be used.
WIRING
The Points Box wires easily to the Pro Mag Generator with a matching 4-Pin connector. After mounting
the box, route the 4-Pin harness to the generator connector. Secure the wires.
PRIMARY COIL WIRES
The primary coil wires may be shortened as long as new connectors are crimped and soldered in place.
Note: It is not recommended to lengthen the coil wires.
1. The Red lead connects to the coil positive (+) terminal.
2. Connect the Black lead to the coil negative (-) terminal.
Note: If an RPM Module is not installed (PN 8147 only) there will be no rev limit.
M S D   •   W W W . M S D P E R F O R M A N C E . C O M   •   ( 9 1 5 )   8 5 7 - 5 2 0 0   •   F A X   ( 9 1 5 )   8 5 7 - 3 3 4 4
ONLINE PRODUCT REGISTRATION: Register your MSD product online and you’ll be entered
in our monthly 8.5mm Super Conductor Spark Plug Wire give-away! Registering your product
will help if there is ever a warranty issue with your product and helps the MSD R&D team create
new products that you ask for! Go to www.msdperformance.com/registration.
Pro Mag 44 Electronic Points Box
PN 8145, and PN 8147 with Rev Limiter


Similar Part No. - 8147

ManufacturerPart #DatasheetDescription
logo
Heyco.
8147 HEYCO-8147 Datasheet
187Kb / 1P
Ring and Spade Terminals
logo
Keystone Electronics Co...
8147 KEYSTONE-8147 Datasheet
279Kb / 1P
METAL CABLE CLAMPS
31-07 20th
logo
Unisonic Technologies
8147-AB3-D-B UTC-8147-AB3-D-B Datasheet
201Kb / 6P
POWER RESET IC
8147-AB3-D-K UTC-8147-AB3-D-K Datasheet
201Kb / 6P
POWER RESET IC
8147-AB3-D-R UTC-8147-AB3-D-R Datasheet
201Kb / 6P
POWER RESET IC
More results

Similar Description - 8147

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN8102 MALLORY-PN8102 Datasheet
195Kb / 2P
MSD 12 Amp Pro Mag Points Box Quick Release Backing Plate
PN8130 MALLORY-PN8130 Datasheet
824Kb / 8P
MSD 44 Amp Pro Mag Generator
PN8142 MALLORY-PN8142 Datasheet
111Kb / 2P
Pro Mag 44 Coil
8145MSD MALLORY-8145MSD Datasheet
160Kb / 2P
Pro Mag 44 Electronic Points Box
81305 MALLORY-81305 Datasheet
824Kb / 8P
MSD 44 Amp Pro Mag Generator
81403 MALLORY-81403 Datasheet
824Kb / 8P
MSD 44 Amp Pro Mag Generator
81453 MALLORY-81453 Datasheet
107Kb / 2P
Pro Mag 44 Electronic Points Box
81473 MALLORY-81473 Datasheet
107Kb / 2P
Pro Mag 44 Electronic Points Box
8142 MALLORY-8142 Datasheet
157Kb / 2P
Pro Mag 44 Coil
81423 MALLORY-81423 Datasheet
111Kb / 2P
Pro Mag 44 Coil
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com