Electronic Components Datasheet Search
  English  ▼

X  

CAS325M12HM2 Datasheet(PDF) 2 Page - Cree, Inc

Part # CAS325M12HM2
Description  Ultra Low Loss, Low (5 nH) Inductance
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CAS325M12HM2 Datasheet(HTML) 2 Page - Cree, Inc

  CAS325M12HM2 Datasheet HTML 1Page - Cree, Inc CAS325M12HM2 Datasheet HTML 2Page - Cree, Inc CAS325M12HM2 Datasheet HTML 3Page - Cree, Inc CAS325M12HM2 Datasheet HTML 4Page - Cree, Inc CAS325M12HM2 Datasheet HTML 5Page - Cree, Inc CAS325M12HM2 Datasheet HTML 6Page - Cree, Inc CAS325M12HM2 Datasheet HTML 7Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
CAS325M12HM2, Rev. A, 12-2016
Electrical Characteristics (T
C = 25˚C unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Test Conditions
Note
VDSS
Drain-SourceBlockingVoltage
1.2
kV
V
GS=-5V,ID=2mA
VGS(th)
GateThresholdVoltage
2.0
2.6
4
V
V
DS=VGS,ID=105mA
2.0
V
DS=VGS,ID=105mA,TJ=175˚C
IDSS
ZeroGateVoltageDrainCurrent
720
2000
μA
VDS=1.2kV,VGS=-5V
IGSS
Gate-SourceLeakageCurrent
3.5
nA
V
GS=20V,VDS=0V
RDS(on)
OnStateResistance
3.6
4.3
mΩ
VGS=20V,IDS=400A
Fig.5
7.6
VGS=18V,IDS=400A,TJ=175˚C
Ciss
InputCapacitance
19.5
nF
VGS=0V,VDS=1000V,f=1MHz,
VAC=25mV
Fig.11,
12
Coss
OutputCapacitance
1.54
Crss
ReverseTransferCapacitance
0.10
Eon
Turn-OnSwitchingEnergy
5.6
mJ
VDD=600V,VGS=-5V/+20V
ID=300A,RG(ext)=2Ω
Note:IEC60747-8-4Definitions
Fig.13
EOff
Turn-OffSwitchingEnergy
3.7
QGS
Gate-SourceCharge
322
nC
VDS=800V,VGS=-5V/+20V,
ID=350A,PerIEC60747-8-4
QGD
Gate-DrainCharge
350
QG
TotalGateCharge
1127
dff
Free-Wheeling SiC Schottky Diode Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Unit
Test Conditions
Note
VSD
DiodeForwardVoltage
1.7
2.0
V
IF=350A,V
GS=-5V
Fig.6
2.5
2.8
IF=350A,TJ=175˚C,V
GS=-5V
QC
TotalCapacitiveCharge
4.3
μC
IncludesSchottky&Bodydiodes
Note:Thereverserecoveryispurelycapacitive
Thermal Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Unit
Test Conditions
Note
R
thJCM
ThermalResistanceJuction-to-CaseforMOSFET
0.085
0.100
0.115
˚C/W
Fig.
18,19
R
thJCD
ThermalResistanceJuction-to-CaseforDiode
0.094
0.110
0.127
Additional Module Data
Symbol
Parameter
Min.
Typ.
Max.
Unit
Test Condtion
W
Weight
140
g
M
MountingTorque
0.9
1.1
1.3
Nm
PowerTerminals,M4Bolts
3
4.5
5
Baseplate,M6Bolts
L
CE
LoopInductance
5
nH



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com