Electronic Components Datasheet Search
  English  ▼

X  

US2AFL Datasheet(PDF) 1 Page - Micro Commercial Components

Part # US2AFL
Description  For Surface Mounted Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

US2AFL Datasheet(HTML) 1 Page - Micro Commercial Components

  US2AFL Datasheet HTML 1Page - Micro Commercial Components US2AFL Datasheet HTML 2Page - Micro Commercial Components US2AFL Datasheet HTML 3Page - Micro Commercial Components US2AFL Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
US2A
FL
THRU
US2M
FL
2 Amp Ultra Fast
Rectifier
50 to 1000 Volts
Features
Maximum Ratings
•
Operating Temperature: -50°C to +150°C
•
Storage Temperature: -5
5°C to +150°C
•
Maximum Thermal Resistance; 20 °C/W Junction To Lead
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
US2A
FL
US2A
50V
35V
50V
US2B
FL
US2B
100V
70V
100V
US2D
FL
US2D
200V
140V
200V
US2G
FL
US2G
400V
280V
400V
US2J
FL
US2J
600V
420V
600V
US2K
FL
US2K
800V
560V
800V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
2
.0A
TL =
110°C
Peak Forward Surge
Current
IFSM
5
0A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
US2A
FL-2DFL
US2G
FL
US2J
FL-2MFL
VF
1.0V
1.4V
1.7V
IFM = 1.0A;
TJ = 25°C
Typical Junction
Capacitance
CJ
28pF
Measured at
1.0MHz, VR=4.0V
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5
uA
35
0uA
TJ = 25°C
TJ = 125°C
Maximum Reverse
Recovery Time
Trr
IF=0.5A, IR=1.0A,
Irr=0.25A
          
          
          
          
          
          
*Pulse test: Pulse width 300 sec, Duty cycle 1%





US2M
FL
US2M
1000V
700V
1000V
Revision:
E
20
15/08/18
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
•
Glass Passivated Chip
•
Ultra Fast Switching For High Efficiency
•
For Surface Mounted Applications
•
Low Forward Voltage Drop And High Current Capability
•
Low Reverse Leakage Current
www.mccsemi.com
1 of 4
•
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
Notes: 1.
High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7.
US2C
FL
US2C
150V
105V
150V
US2AFL-US2GFL
US2JFL~US2MFL
50ns
75ns
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
DO-221AC
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.035
.047
0.90
1.20
b
.049
.065
1.25
1.65
C
.004
.016
0.10
0.40
D
.089
.116
2.25
2.95
E
.173
.220
4.40
5.60
E1
.126
.181
3.20
4.60
L
.028
.059
0.70
1.50
SUGGESTED SOLDER
PAD LAYOUT
(SMA-FL)
•
Halogen free available upon request by adding suffix "-HF"
0.075
(1.9)
0.063
(1.6)
0.232
(5.9)
0.106
(2.7)
Micro Commercial Components
M C C
TM


Similar Part No. - US2AFL

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
US2AFL SUNMATE-US2AFL Datasheet
506Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
More results

Similar Description - US2AFL

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
S2AA DEC-S2AA Datasheet
1Mb / 2P
For surface mounted applications
S5A DEC-S5A Datasheet
793Kb / 2P
For surface mounted applications
logo
Pan Jit International I...
ER3AA PANJIT-ER3AA Datasheet
113Kb / 6P
For surface mounted applications
logo
Diode Semiconductor Kor...
SL12 DSK-SL12 Datasheet
76Kb / 2P
For surface mounted applications
logo
DONGGUAN YOU FENG WEI E...
BAV19W-SOD123 YFWDIODE-BAV19W-SOD123 Datasheet
470Kb / 3P
For surface mounted applications
BAV100WS-SOD123F YFWDIODE-BAV100WS-SOD123F Datasheet
505Kb / 3P
For surface mounted applications
BAV19WSFL YFWDIODE-BAV19WSFL Datasheet
445Kb / 3P
For surface mounted applications
1N4148W YFWDIODE-1N4148W Datasheet
454Kb / 3P
For surface mounted applications
logo
SHIKUES Electronics
BAS316 SKTECHNOLGY-BAS316 Datasheet
459Kb / 3P
For surface mounted applications
logo
Shanghai Leiditech Elec...
SMAZ5V1 LEIDITECH-SMAZ5V1 Datasheet
573Kb / 4P
For surface mounted applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com