Electronic Components Datasheet Search
  English  ▼

X  

AN53 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AN53
Description  The CS5322 Digital Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AN53 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AN53 Datasheet HTML 1Page - List of Unclassifed Manufacturers AN53 Datasheet HTML 2Page - List of Unclassifed Manufacturers AN53 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Most general purpose processors, whether they
be fixed-point, or floating point, use a central
ALU (Arithmetic Logic Unit), through which all
processing occurs.
The CS5322 is a "signal processing chip" which
performs a
dedicated
FIR
low
pass
filter
function. Figure 1 illustrates the block diagram
of the CS5322. When the CS5322 is operated
from a 1.024 MHz clock, the filter provides
seven deferent selectable decimation rates as
shown in Table 1. The -3 dB bandwidth of each
decimation rate is approximately 82% of the
nyquist
frequency.
The
filter
achieves
a
minimum of 130 dB attenuation at the nyquist
frequency for all filter selections.
The filter offers selection of any one of seven
filter frequencies by means of hardware pins on
the chip or by means of writing a control word
into the configuration register via the serial port.
The CS5322 is architecturally quite different
from a general purpose DSP. The CS5322
contains three FIR filter stages. The 256 kHz
1-bit stream from the modulator enters FIR1 and
is multiplied by 33 11-bit coefficients. The bit
stream is decimated by eight as it is processed
and the output data is placed in RAM. FIR2 and
FIR3 are executed using a common multiplier.
FIR2 is a 13 coefficient (24-bit) variable
decimation stage. FIR2 can be programmed to
decimate at rates of 4, 8, 16, 32, 64, 128, and
256. Computations for FIR2 are processed in a
low power 24-bit by 24-bit multiplier and
accumulated
in
eight
successive
50-bit
accumulators. The decimation rate is controlled
by the choice of which of the accumulators feeds
back to the multiplier. The output of FIR2 is
then processed by the 24-bit by 24-bit multiplier
and accumulated in a ninth 50-bit accumulator.
The decimate by 2 output result of FIR3 is
placed into the 24-bit serial port register in two’s
complement format.
Each of the seven filter output selections is
designed to ensure that, given an impulse input,
that one of the output words will provide a
sample point at the peak of the impulse
response.
Because of this design feature, the
clock cycle lengths of each of the actual seven
filters are not binary multiples of each other.
Instead, the filters are designed to buffer input
data (each filter has a different buffer length to
ensure it provides a sample at the impulse peak)
to facilitate proper operation.
The filter is
designed that to the user the filters actually take
Output Word Rate(Hz)
(CLKIN = 1.024 MHz)
-3dB Bandwidth (Hz)
Dynamic Range* (dB)
4000
1652.3
103
2000
824.3
118
1000
411.9
120
500
205.9
123
250
102.9
126
125
51.5
128
62.5
25.7
130
* Modulator and Filter Combination; limited by the modulator
Table 1 CS5322 Filter Bandwidth Selections
c1(1)=0.0d0
c1(12)=204.0d0
c1(23)=161.0d0
c1(2)=0.0d0
c1(13)=246.0d0
c1(24)=120.0d0
c1(3)=1.0d0
c1(14)=284.0d0
c1(25)=84.0d0
c1(4)=4.0d0
c1(15)=315.0d0
c1(26)=56.0d0
c1(5)=10.0d0
c1(16)=336.0d0
c1(27)=35.0d0
c1(6)=20.0d0
c1(17)=344.0d0
c1(28)=20.0d0
c1(7)=35.0d0
c1(18)=336.0d0
c1(29)=10.0d0
c1(8)=56.0d0
c1(19)=315.0d0
c1(30)=4.0d0
c1(9)=84.0d0
c1(20)=284.0d0
c1(31=1.0d0
c1(10)=120.0d0
c1(21)=246.0d0
c1(32)=0.0d0
c1(11)=161.0d0
c1(22)=204.0d0
c1(33 =0.0d0
Table 2. FIR1 Filter Coefficients
CS5322 Filter
2
AN53REV2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com