Electronic Components Datasheet Search
  English  ▼

X  

D200D Datasheet(PDF) 1 Page - American Electronic Components, inc

Part # D200D
Description  Optical Liquid Level Sensors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

D200D Datasheet(HTML) 1 Page - American Electronic Components, inc

  D200D Datasheet HTML 1Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Order Codes:
High in Air Sensors: Output Voltage in Liquid < 1Vdc; Output Voltage in Air is within Vs - 0.5Vdc
3 Wire
D200D3SH
4 Wire
(2)
D200D4SH
Low in Air Sensors: Output Voltage in Liquid is within Vs - 0.5VDC; Output Voltage in Air < 1Vdc
3 Wire
D200D3LSH
4 Wire
(2)
D200D4LSH
American Electronic Components Inc.,
1101 Lafayette Street, Elkhart, Indiana. USA
Tel: +1-574-295-6330 Fax: +1-574-293-8013
Email: sales@aecsensors.com
http://www.aecsensors.com
© American Electronic Components Inc 2008
Optical Liquid Level Sensors
D200D Series
Features:
* M12 Threaded Body
* Low cost
* Compact size
* High reliability
* Wide range of commercial and
industrial applications.
Specifications are subject to change without notice. E&OE.
D200D 211108
Drawing dimensions in millimetres
Housing Style
D200
M12 Thread
(1)
Output Function
Digital (High or Low in Air) outputs
Repeatability
± 1mm
Hysteresis
1mm depending on liquid
Response time rising liquid
50 S
Response time falling liquid (ethanol)
< 1 second
Supply Voltage (Vs)
5 to 12Vdc
Supply Current
15mA nominal
Sink / Source Current
10mA max
Temperature range: operating / (storage)
-25°C to +80°C (-30°C to +85°C)
Housing Material
Polysulphone UDEL 1700
Cable Length
200mm PTFE wires
Environmental
IP67 Rated
Thermal Testing
As per BS EN60068-2-33
Humidity
As per BS EN60068-2-30
Vibration
As per BS EN60068 Part S3: 1996
Mechanical Shock
As per BS EN60068-2-27 Part 2 Ea: 1987
Max. Pressure
7 bar
(1)
Stainless Steel nut and Nitrile washer LLPK1 must be
ordered separately.
(2)
In certain applications (when used in certain liquids or
emulsions and in heavily condensing applications), it
may be necessary to “tune” the sensor’s operation
using a 4th wire connected directly to the LED. This
requires the installer to select a suitable current limiting
resistor—contact factory for details.


Similar Part No. - D200D

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
D200 MPD-D200 Datasheet
219Kb / 2P
Single & Dual Output Miniature, 2W SIP DC/DC Converters
logo
Cynergy3 Co
D200 CYNERGY3-D200 Datasheet
223Kb / 1P
High Power 200W reed relay with 7kV isolation
logo
Tyco Electronics
D200-400FR MACOM-D200-400FR Datasheet
140Kb / 1P
CABLE BREAKOUT BOOT, TWO ENTRY
logo
Highly Electric Co., Lt...
D2000 HIGHLY-D2000 Datasheet
1Mb / 4P
D COMPACT ENCLOSED SWITCH
logo
Keysight Technologies
D2000BDLA KEYSIGHT-D2000BDLA Datasheet
565Kb / 5P
Ultimate Bundle Software Package for InfiniiVision X-Series oscilloscopes
April 29, 2019
More results

Similar Description - D200D

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
D101 AEC-D101 Datasheet
190Kb / 1P
Optical Liquid Level Sensors
D102 AEC-D102 Datasheet
227Kb / 1P
Optical Liquid Level Sensors
D103 AEC-D103 Datasheet
188Kb / 1P
Optical Liquid Level Sensors
D200HD AEC-D200HD Datasheet
222Kb / 1P
Optical Liquid Level Sensors
D200HP AEC-D200HP Datasheet
215Kb / 1P
Optical Liquid Level Sensors
D205 AEC-D205 Datasheet
200Kb / 1P
Optical Liquid Level Sensors
D500A AEC-D500A Datasheet
380Kb / 1P
Optical Liquid Level Sensors
D500A3 AEC-D500A3 Datasheet
115Kb / 1P
Optical Liquid Level Sensors
D600HD AEC-D600HD Datasheet
223Kb / 1P
Optical Liquid Level Sensors
DLN AEC-DLN Datasheet
206Kb / 1P
Optical Liquid Level Sensors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com