Electronic Components Datasheet Search
  English  ▼

X  

D200HD Datasheet(PDF) 1 Page - American Electronic Components, inc

Part # D200HD
Description  Optical Liquid Level Sensors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

D200HD Datasheet(HTML) 1 Page - American Electronic Components, inc

  D200HD Datasheet HTML 1Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1) Stainless steel nut & nitrile washer available separately (order LLPK1)
Order Codes:
D 2 * 0 *H D * ** - 0 0 *
American Electronic Components Inc.,
1101 Lafayette Street, Elkhart, Indiana. USA
Tel: +1-574-295-6330 Fax: +1-574-293-8013
Email: sales@aecsensors.com
http://www.aecsensors.com
© American Electronic Components Inc 2008
Optical Liquid Level Sensors
D200HD Series
Features:
* M12 Threaded Body
* Heavy Duty Style
* Wider range of options
* Wide range of Commercial, Industrial
& Automotive applications.
Specifications are subject to change without notice. E&OE.
D200HD 100209
Output Polarity
L: Output Low in Air
H: Output High in Air
Supply Voltage
12: 5 to 16VDC
24: 10 to 28VDC
Temp Range
0: -25°C to +80°C
1: -40°C to +125°C
Drawing dimensions in millimetres
Housing Style
HD200
M12 Thread (1)
Output Function
Digital (High or Low in Air) outputs
Repeatability
± 1mm
Hysteresis
1mm depending on liquid
Response time rising liquid
50µS
Response time falling liquid (ethanol)
< 1 second
Supply Voltage (Vs)
5 to 16Vdc or 10 to 28Vdc (see below)
Supply Current
15mA nominal
Sink / Source Current
250mA or 500mA max (see below)
Temperature range: operating
-25°C to +80°C or –40° to +125°C
Housing Material
Polysulphone UDEL 1700
Cable Length
200mm PTFE wires
Environmental
IP67 Rated
Thermal Testing
As per BS EN60068-2-33
Humidity
As per BS EN60068-2-30
Vibration
As per BS EN60068 Part S3: 1996
Mechanical Shock
As per BS EN60068-2-27 Part 2 Ea: 1987
Max. Pressure
7 bar
Sink / Source Current
0: 250mA max
5: 500mA max
Output Circuit
1: N-Channel Open Drain with flyback diode*
2: Digital Output (Sink current only)
3: N-Channel Open Drain
4: P-Channel Open Drain
5: N & P Channel Push-Pull Output
* For use with inductive loads


Similar Part No. - D200HD

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
D200HP AEC-D200HP Datasheet
215Kb / 1P
Optical Liquid Level Sensors
More results

Similar Description - D200HD

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
D101 AEC-D101 Datasheet
190Kb / 1P
Optical Liquid Level Sensors
D102 AEC-D102 Datasheet
227Kb / 1P
Optical Liquid Level Sensors
D103 AEC-D103 Datasheet
188Kb / 1P
Optical Liquid Level Sensors
D200HP AEC-D200HP Datasheet
215Kb / 1P
Optical Liquid Level Sensors
D205 AEC-D205 Datasheet
200Kb / 1P
Optical Liquid Level Sensors
D500A AEC-D500A Datasheet
380Kb / 1P
Optical Liquid Level Sensors
D500A3 AEC-D500A3 Datasheet
115Kb / 1P
Optical Liquid Level Sensors
D600D AEC-D600D Datasheet
196Kb / 1P
Optical Liquid Level Sensors
D600HD AEC-D600HD Datasheet
223Kb / 1P
Optical Liquid Level Sensors
DLN AEC-DLN Datasheet
206Kb / 1P
Optical Liquid Level Sensors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com