Electronic Components Datasheet Search
  English  ▼

X  

D205 Datasheet(PDF) 1 Page - American Electronic Components, inc

Part # D205
Description  Optical Liquid Level Sensors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

D205 Datasheet(HTML) 1 Page - American Electronic Components, inc

  D205 Datasheet HTML 1Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Order Codes:
D205000
Nickel Plated Brass Body, Standard Temperature Range (1)
D205100
Nickel Plated Brass Body, Extended Temperature Range (2)
D305000
Stainless Steel Body, Standard Temperature Range (1)
D305100
Stainless Steel Body, Extended Temperature Range (2)
(1) Supplied with Nitrile washer and nut, unassembled. (2) Supplied with nut and VAMAC washer, unassembled.
Contact factory for custom terminations and other lead lengths available to special order.
American Electronic Components Inc.,
1101 Lafayette Street, Elkhart, Indiana. USA
Tel: +1-574-295-6330 Fax: +1-574-293-8013
Email: sales@aecsensors.com
http://www.aecsensors.com
© American Electronic Components Inc 2008
Optical Liquid Level Sensors
D205 & D305 Series
Drawing dimensions in millimetres
Features:
* 1/2” BSPT Screw-in Body
* Low cost
* Compact size
* Wide range of commercial and
industrial applications.
Specifications are subject to change without notice. E&OE.
D205/305 010908
Standard Temperature
High Temperature
Housing
1/2” BSPT Metal Body
Output Function
Digital - High in Air
Repeatability
± 1 mm
Hysteresis
2mm (depending on liquid)
Response Time: Rising Liquid
50 µS
Response Time: Falling Liquid (Ethanol)
< 1 second
Supply Voltage
+5V to 12VDC
Supply Current
15 mA
Temperature Range: Operating / (Storage)
-25°C to +80°C (-30°C to +85°)
-40°C to +125°C (-40°C to +125°C)
Housing Material
Stainless Steel or Nickel Plated Brass, Polysulphone dome
Output Current (@25°C & 5VDC)
Sinks 10 mA
Sinks 40 mA
Lead wire Length
180mm PTFE


Similar Part No. - D205

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D205 ETC1-D205 Datasheet
91Kb / 2P
Single & Dual Output Miniature, 2W SIP DC/DC Converters
logo
MicroPower Direct, LLC
D205 MPD-D205 Datasheet
219Kb / 2P
Single & Dual Output Miniature, 2W SIP DC/DC Converters
logo
G.M. International
D2050 GMI-D2050 Datasheet
252Kb / 2P
Gateway - Power Supply Unit for Multiplexer D2000M Series DIN-Rail Model D2050M
D2050M GMI-D2050M Datasheet
252Kb / 2P
Gateway - Power Supply Unit for Multiplexer D2000M Series DIN-Rail Model D2050M
D2052 GMI-D2052 Datasheet
257Kb / 2P
Relay Output Repeater DIN-Rail Model D2052M
More results

Similar Description - D205

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
D101 AEC-D101 Datasheet
190Kb / 1P
Optical Liquid Level Sensors
D102 AEC-D102 Datasheet
227Kb / 1P
Optical Liquid Level Sensors
D103 AEC-D103 Datasheet
188Kb / 1P
Optical Liquid Level Sensors
D200HD AEC-D200HD Datasheet
222Kb / 1P
Optical Liquid Level Sensors
D200HP AEC-D200HP Datasheet
215Kb / 1P
Optical Liquid Level Sensors
D500A AEC-D500A Datasheet
380Kb / 1P
Optical Liquid Level Sensors
D500A3 AEC-D500A3 Datasheet
115Kb / 1P
Optical Liquid Level Sensors
D600D AEC-D600D Datasheet
196Kb / 1P
Optical Liquid Level Sensors
D600HD AEC-D600HD Datasheet
223Kb / 1P
Optical Liquid Level Sensors
DLN AEC-DLN Datasheet
206Kb / 1P
Optical Liquid Level Sensors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com