Electronic Components Datasheet Search
  English  ▼

X  

D600D Datasheet(PDF) 1 Page - American Electronic Components, inc

Part # D600D
Description  Optical Liquid Level Sensors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

D600D Datasheet(HTML) 1 Page - American Electronic Components, inc

  D600D Datasheet HTML 1Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Order Codes:
High in Air Sensors: Output Voltage in Liquid < 1Vdc; Output Voltage in Air is within Vs - 0.5Vdc
3 Wire
D600D3SH
4 Wire (2)
D600D4SH
Low in Air Sensors: Output Voltage in Liquid is within Vs - 0.5VDC; Output Voltage in Air < 1Vdc
3 Wire
D600D3LSH
4 Wire (2)
D600D4LSH
American Electronic Components Inc.,
1101 Lafayette Street, Elkhart, Indiana. USA
Tel: +1-574-295-6330 Fax: +1-574-293-8013
Email: sales@aecsensors.com
http://www.aecsensors.com
© American Electronic Components Inc 2008
Optical Liquid Level Sensors
D600D Series
Features:
* 1/2” SAE Threaded Body
* Low cost
* Compact size
* High reliability
* Wide range of commercial and
industrial applications.
Specifications are subject to change without notice. E&OE.
D600D 290808
Housing Style
D600
1/2” SAE-20 Thread (1)
Output Function
Digital (High or Low in Air) outputs
Repeatability
± 1mm
Hysteresis
1mm depending on liquid
Response time rising liquid
50µS
Response time falling liquid (ethanol)
< 1 second
Supply Voltage (Vs)
5 to 12Vdc
Supply Current
15mA nominal
Sink / Source Current
15mA
Temperature range: operating / (storage)
-25°C to +80°C / (–30° to +85°C)
Housing Material
Polysulphone UDEL 1700
Cable Length
200mm PTFE wires
Environmental
IP67 Rated
Thermal Testing
As per BS EN60068-2-33
Humidity
As per BS EN60068-2-30
Vibration
As per BS EN60068 Part S3: 1996
Mechanical Shock
As per BS EN60068-2-27 Part 2 Ea: 1987
Max. Pressure
7 bar
1)
“O” Ring supplied, unassembled.
2)
In certain applications (when used in certain liquids or emulsions and in heavily condens-
ing applications), it may be necessary to “tune” the sensor’s operation using a 4th wire
connected directly to the LED. This requires the installer to select a suitable current limiting
resistor—contact factory for details.
Drawing dimensions in millimetres


Similar Part No. - D600D

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
D6000BDLA KEYSIGHT-D6000BDLA Datasheet
565Kb / 5P
Ultimate Bundle Software Package for InfiniiVision X-Series oscilloscopes
April 29, 2019
logo
eupec GmbH
D6001N EUPEC-D6001N Datasheet
269Kb / 8P
Rectifier Diode
logo
Infineon Technologies A...
D6001N INFINEON-D6001N Datasheet
258Kb / 9P
Full blocking capability 50/60Hz over a wide temperature range
2014-06-01 Revision: 3.1
logo
List of Unclassifed Man...
D6002 ETC1-D6002 Datasheet
121Kb / 6P
RADIO CONTROLLED RECEIVER IC
logo
American Electronic Com...
D600HD AEC-D600HD Datasheet
223Kb / 1P
Optical Liquid Level Sensors
More results

Similar Description - D600D

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
D101 AEC-D101 Datasheet
190Kb / 1P
Optical Liquid Level Sensors
D102 AEC-D102 Datasheet
227Kb / 1P
Optical Liquid Level Sensors
D103 AEC-D103 Datasheet
188Kb / 1P
Optical Liquid Level Sensors
D200HD AEC-D200HD Datasheet
222Kb / 1P
Optical Liquid Level Sensors
D200HP AEC-D200HP Datasheet
215Kb / 1P
Optical Liquid Level Sensors
D205 AEC-D205 Datasheet
200Kb / 1P
Optical Liquid Level Sensors
D500A AEC-D500A Datasheet
380Kb / 1P
Optical Liquid Level Sensors
D500A3 AEC-D500A3 Datasheet
115Kb / 1P
Optical Liquid Level Sensors
D600HD AEC-D600HD Datasheet
223Kb / 1P
Optical Liquid Level Sensors
DLN AEC-DLN Datasheet
206Kb / 1P
Optical Liquid Level Sensors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com