Electronic Components Datasheet Search
  English  ▼

X  

PAW3552DB Datasheet(PDF) 7 Page - Pixart Imaging Inc.

Part # PAW3552DB
Description  USB/PS2 Optical Mouse SoC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAW3552DB Datasheet(HTML) 7 Page - Pixart Imaging Inc.

  PAW3552DB Datasheet HTML 1Page - Pixart Imaging Inc. PAW3552DB Datasheet HTML 2Page - Pixart Imaging Inc. PAW3552DB Datasheet HTML 3Page - Pixart Imaging Inc. PAW3552DB Datasheet HTML 4Page - Pixart Imaging Inc. PAW3552DB Datasheet HTML 5Page - Pixart Imaging Inc. PAW3552DB Datasheet HTML 6Page - Pixart Imaging Inc. PAW3552DB Datasheet HTML 7Page - Pixart Imaging Inc. PAW3552DB Datasheet HTML 8Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
PixArt Imaging Inc.
PAW3552DB Product Brief
USB/PS2 Optical Mouse SoC
Version 0.1 |1 Mar 2016 | 10003EN
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
3.0 Reference Schematics
Figure 7. Application Circuit for PAW3552DB
JP1
USB CNN
VBUS
1
GND
2
Shield
3
D-
4
D+
5
+
C5
10uF
C4
0.1uF
VBUS
VDD5V
R3 1R
MFIO2
VDD5V
MFIO1
ENSW1
Z2
Z1
COM
R4
30K
VDD5V
VDD5V
D+
D-
C3
0.1uF
BL1
R5
30K
D1
LED(Socket)
U1
PAW3515DB
VDD5V
2
Z1
3
MFIO1(LED)
1
Z2
4
MFIO2(SW)
5
VSS
6
D-
7
D+
8
R2
33R
GND
R1
33R
C1
27pF
C2
27pF
R6
30K
BM1
Z2
BR1
Z1
R7
33R(Socket)
Note:
1. R1, R2, C1, C2 and R4 are optional and depend on EMC immunity of layout
2. The resistor tolerance of R4, R5 and R6 is 5%
3. USb cable connector JP1 is suggested to has the pin sequence like:
VBUS, GND, Shield, D-, D+
4. Maximum LED reverse current is 10 uA @ LED reverse voltage 5V.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com