Electronic Components Datasheet Search
  English  ▼

X  

LM31-LNG Datasheet(PDF) 9 Page - Pixart Imaging Inc.

Part # LM31-LNG
Description  Optical Gaming Navigation Chip
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

LM31-LNG Datasheet(HTML) 9 Page - Pixart Imaging Inc.

Back Button LM31-LNG Datasheet HTML 5Page - Pixart Imaging Inc. LM31-LNG Datasheet HTML 6Page - Pixart Imaging Inc. LM31-LNG Datasheet HTML 7Page - Pixart Imaging Inc. LM31-LNG Datasheet HTML 8Page - Pixart Imaging Inc. LM31-LNG Datasheet HTML 9Page - Pixart Imaging Inc. LM31-LNG Datasheet HTML 10Page - Pixart Imaging Inc. LM31-LNG Datasheet HTML 11Page - Pixart Imaging Inc. LM31-LNG Datasheet HTML 12Page - Pixart Imaging Inc. LM31-LNG Datasheet HTML 13Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9
Version 1.40 |12 Aug 2016 | 31005AEN
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
PixArt Imaging Inc.
PMW3325DB-TWV1 General Datasheet
Optical Gaming Navigation Chip
Parameters
Symbol
Min.
Typ.
Max.
Unit Conditions
SCLK To NCS Inactive SDIO
Read
tSCLK-NCS read
35
s
From last SCLK falling edge to NCS
rising edge, for valid SDIO data
transfer
NCS To SDIO High-Z
tNCS-SDIO
500
ns
From NCS rising edge to SDIO high-
Z state
Transient Supply Current
IDDT
60
mA
Max supply current during the
supply ramp from 0V to VDD with
min 150us and max 20ms rise time.
(Does not include charging currents
of bypass capacitors)
Note:
All the parameters are tested under recommended operating conditions. Typical values at 25 °C & VDD=2.0V
Figure 3 Mean Resolution vs. Z Height at resolution of 3000cpi
500
1000
1500
2000
2500
3000
3500
4000
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
Height
Resolution Vs Z Height
Straight Line at 45 Degree, Path Length = 4", Speed = 6ips, Resolution = 3000cpi
LT G240
QCK
4HD
VESPULA SPEED
ROCCAT HIRO
MANTICOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com