Electronic Components Datasheet Search
  English  ▼

X  

LM612 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM612
Description  Dual-Channel Comparator and Reference
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM612 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM612 Datasheet HTML 2Page - National Semiconductor (TI) LM612 Datasheet HTML 3Page - National Semiconductor (TI) LM612 Datasheet HTML 4Page - National Semiconductor (TI) LM612 Datasheet HTML 5Page - National Semiconductor (TI) LM612 Datasheet HTML 6Page - National Semiconductor (TI) LM612 Datasheet HTML 7Page - National Semiconductor (TI) LM612 Datasheet HTML 8Page - National Semiconductor (TI) LM612 Datasheet HTML 9Page - National Semiconductor (TI) LM612 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Application Information (Continued)
of hysteresis can substantially reduce the accuracy of the
comparator since the offset voltage is effectively being in-
creased by the hysteresis when the comparator output is
high
It is often a good idea to decrease the amount of hysteresis
until oscillations are observed then use three times that
minimum hysteresis in the final circuit Note that the amount
of hysteresis needed is greatly affected by layout The
amount of hysteresis should be rechecked each time the
layout is changed such as changing from a breadboard to a
PC board
Input Stage
The input stage uses lateral PNP input transistors which
unlike those of many op amps have breakdown voltage
BVEBO equal to the absolute maximum supply voltage Also
they have no diode clamps to the positive supply nor across
the inputs These features make the inputs look like high
impedances to input sources producing large differential
and common-mode voltages
The guaranteed common-mode input voltage range for an
LM612 is Vb s VCM s (Va b 18V) over temperature
This is the voltage range in which the comparisons must be
made If both inputs are within this range the output will be
at the correct state If one input is within this range and the
other input is less than (Vb a32V) even if this is greater
than Va the output will be at the correct state If however
either or both inputs are driven below Vb and either input
current exceeds 10 mA the output state is not guaranteed
to be correct If both inputs are above (Va b 18V) the
output state is also not guaranteed to be correct
Output Stage
The comparators have a common open-collector output
stage which requires a pull-up resistor to a positive supply
voltage for the output to switch properly When the internal
output transistor is off the output (HIGH) voltage will be
pulled up to this external positive voltage
To ensure that the LOW output voltage is under the TTL-low
threshold the output transistor’s load current must be less
than 08 mA (over temperature) when it turns on This im-
pacts the minimum value of the pull-up resistor
Typical Applications
TLH11058 – 12
Power Supply Monitor with Indicator
8



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com