Electronic Components Datasheet Search
  English  ▼

X  

DBE0640 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # DBE0640
Description  Variable-Gain Ultra-Wideband Voltage Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DBE0640 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  DBE0640 Datasheet HTML 1Page - List of Unclassifed Manufacturers DBE0640 Datasheet HTML 2Page - List of Unclassifed Manufacturers DBE0640 Datasheet HTML 3Page - List of Unclassifed Manufacturers DBE0640 Datasheet HTML 4Page - List of Unclassifed Manufacturers DBE0640 Datasheet HTML 5Page - List of Unclassifed Manufacturers DBE0640 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Datasheet
DUPVA-1-60
Variable-Gain
Ultra-Wideband Voltage Amplifier
SOP H ISTI CATE D T OOL S F O R SIG N AL REC O VE RY
Page 4
Typical Performance
Characteristics
Frequency Response (Logarithmic)
Frequency Response (Linear)
Input Reflection, S11
Start: 9 kHz
Stop: 2 GHz
2 GHz
Marker:
DG22-0640-13
0
0.2
0.5
0.5
-0.5
1
-1
1
2
5
5
10
2
-2
-5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com