Electronic Components Datasheet Search
  English  ▼

X  

DL400 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DL400
Description  VME Basismodul
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DL400 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DL400 Datasheet HTML 1Page - List of Unclassifed Manufacturers DL400 Datasheet HTML 2Page - List of Unclassifed Manufacturers DL400 Datasheet HTML 3Page - List of Unclassifed Manufacturers DL400 Datasheet HTML 4Page - List of Unclassifed Manufacturers DL400 Datasheet HTML 5Page - List of Unclassifed Manufacturers DL400 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Manual
DL400
Peter von Walter, Physikalisches Institut, Universität Heidelberg, 27.01.99
Seite: 2
1. FUNKTION
1.1. Datenblatt
1.1.1. Anwendung
VME-Interface für DL400-Application-Boards
1.1.2. Daten
Parameter
Wert
Dimension
Datenbreite
32
Bit
Address mode
SHORT (A16)
STANDARD (A24)
EXTENDED (A32)
Data mode
standard (D16)
longword (D32)
Geschwindigkeit normal
120
ns/cycle
Geschwindigkeit langsam
1
µs/cycle
1.1.3. Besonderheiten
- VME, VMX Interface (16 / 32Bit)
- Interruptfähig: 8 Bit Vector, Priority 0-7 (0=Disable), ROAC/RORA Mode
- -5.2V Versorgung über Frontstecker
- Wrap-Feld für Einfachanwendungen
- alle Funktionen programmierbar
1.1.4. Aufbau
VME-Doppeleuropakarte, 4TE, 6HE
1.1.5. Stromversorgung
Spannung
Strom
Leistung
+5V
0.75A
3.75W
-5.2V
+12V
-12V
Gesamt
3.75W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com