Electronic Components Datasheet Search
  English  ▼

X  

DS2501 Datasheet(PDF) 3 Page - Advanced Monolithic Systems

Part # DS2501
Description  1A VERY LOW DROPOUT VOLTAGE REGULATORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

DS2501 Datasheet(HTML) 3 Page - Advanced Monolithic Systems

  DS2501 Datasheet HTML 1Page - Advanced Monolithic Systems DS2501 Datasheet HTML 2Page - Advanced Monolithic Systems DS2501 Datasheet HTML 3Page - Advanced Monolithic Systems DS2501 Datasheet HTML 4Page - Advanced Monolithic Systems DS2501 Datasheet HTML 5Page - Advanced Monolithic Systems DS2501 Datasheet HTML 6Page - Advanced Monolithic Systems DS2501 Datasheet HTML 7Page - Advanced Monolithic Systems DS2501 Datasheet HTML 8Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS2501/AMS2502
ELECTRICAL CHARACTERISTICS
Electrical Characteristics at IOUT = 0 mA, and TJ = +25°C unless otherwise specified.
Parameter
Device
Conditions
Min
Typ
Max
Units
Thermal Regulation
AMS2501/AMS2502
TA = 25°C, 30ms pulse, ILOAD = 1A
0.002
0.020
%W
Dropout Voltage
Note 2
Control Dropout
(VCONTROL - VOUT)
AMS2501/AMS2502/-1.5/-
1.8/-2.5/-2.85/-3.0/-3.3/-
3.5/-5.0
VPOWER =VOUT + 0.8V, ILOAD = 10mA
VPOWER =VOUT + 0.8V, ILOAD = 1A
1.00
1.15
1.15
1.30
V
V
Power Dropout
(VPOWER - VOUT)
AMS2501/AMS2502/-1.5/-
1.8/-2.5/-2.85/-3.0/-3.3/-
3.5/-5.0
VCONTROL =VOUT + 2.5V, ILOAD = 1A
.05
.30
0.15
0.50
V
V
Parameters identified with boldface type apply over the full operating temperature range.
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. For guaranteed specifications and test conditions, see the
Electrical Characteristics
. The guaranteed specifications apply only for the test conditions listed.
Note 2: Unless otherwise specified VOUT = VSENSE. For the adjustable device VADJ = 0V.
Note 3: The dropout voltage for the AMS2501/AMS2502 is caused by either minimum control voltage or minimum power voltage. The specifications represent
the minimum input/output voltage required to maintain 1% regulation.
Note 4: For the adjustable device the minimum load current is the minimum current required to maintain regulation. Normally the current in the resistor divider
used to set the output voltage is selected to meet the minimum load current requirement.
Note 5: The control pin current is the drive current required for the output transistor. This current will track output current with a ratio of about 1:100. The
minimum value is equal to the quiescent current of the device.
PIN FUNCTIONS
VPOWER (Pin 1): This pin is the collector to the power
device of the AMS2501/AMS2502. The output load
current is supplied through this pin. The voltage at this
pin must be between 0.1V and 0.8V greater than the
output voltage for the device to regulate.
Output (Pin 2 and 3): These are the power output of the
device. Pin 2 and 3 are fused together and with the
package paddle serving also as heat sink.
Sense (Pin 4): This pin is the positive side of the
reference voltage for the device. With this pin it is
possible to Kelvin sense the output voltage at the load.
On/Off (Pin 5 AMS2502 only): This pin puts the device
in a stand-by mode.
Reference (Pin 7 AMS2502 only): This pin allows the
user to add a bypass capacitor on the reference voltage.
Adjust (Pin 6): This pin is the negative side of the
reference voltage for the device. Adding a small bypass
capacitor from the Adjust pin to ground improves the
transient response. For fixed voltage devices the Adjust
pin is also brought out to allow the user to add a bypass
capacitor.
GND (Pin 6): For fixed voltage devices this is the
bottom of the resistor divider that sets the output
voltage.
VCONTROL (Pin 8): This pin is the supply pin for the
control circuitry of the device. The current flow into
this pin will be about 1% of the output current. The
voltage at this pin must be between 1.0V and 1.3V
greater than the output voltage for the device to
regulate.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com