Electronic Components Datasheet Search
  English  ▼

X  

2SB1709 Datasheet(PDF) 2 Page - Rohm

Part # 2SB1709
Description  Genera purpose amplification(-12V, -1.5A)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SB1709 Datasheet(HTML) 2 Page - Rohm

  2SB1709 Datasheet HTML 1Page - Rohm 2SB1709 Datasheet HTML 2Page - Rohm 2SB1709 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SB1709
Transistors
Rev.A
2/2
Electrical characteristic curves
Fig.1 DC current gain vs.
collector current
0.001
0.01
0.1
10
100
1000
110
Fig.2 Collector-emitter saturation voltage
vs.collector current
PULSED
VCE
=−2V
COLLECTOR CURRENT : IC (
A)
Ta
=100°C
25
°C
−40°C
Fig.3 Base-emitter saturation voltage
vs.collector current
0.001
0.01
0.1
1
10
0.001
0.01
0.1
1
COLLECTOR CURRENT : IC (
A)
PULSED
IC/IB
=20
Ta
=100°C
25
°C
−40°C
Ta
=−40°C
25
°C
100
°C
Fig.4 Collector-emitter saturation
voltage vs. collector current
0.001
0.01
0.1
1
10
0.001
0.01
0.1
1
IC/IB
=50
20
10
COLLECTOR CURRENT : IC (
A)
PULSED
Ta
=25°C
Fig.5 Grounded emitter propagation
characteristics
0
0.5
1
0.001
0.1
1
0.01
10
1.5
PULSED
VCE
=−2V
BASE TO EMITTER VOLTAGE : VBE (V
)
Ta
=100°C
25
°C
−40°C
Fig.6 Gain bandwidth product
vs. emitter current
0.001
0.01
0.1
10
100
1000
110
Fig.7 Collector output capacitance
vs. collector-base voltage
0.1
1
1
10
100
10
100
Ta
=25°C
IE
=0mA
f
=1MHz
COLLECTOR TO BASE VOLTAGE : VCB (V
)
Ta
=25°C
VCE
=−2V
f
=100MHz
EMITTER CURRENT : IE (
A)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com