Electronic Components Datasheet Search
  English  ▼

X  

70AB Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 70AB
Description  Modular Contact
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

70AB Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  70AB Datasheet HTML 1Page - Bourns Electronic Solutions 70AB Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A
± 0.20
(A
± .008)
B
1.27
(.050)
PER NO.
OF CONTACTS
1.04
(.041)
PER NO.
OF CONTACTS
0.94
(.037)
.004
(0.0002)
LEADS TO BE
COPLANAR WITHIN
0.91
(.036)
1.14
(.045)
4.19
(.165)
5.08
(.200)
1.8
(.072)
PER NO.
OF CONTACTS
1.27
(.050)
CONTACT SPACING
0.76
(.030)
Features
■ 1.27 mm pitch
■ Precious metal contacts
■ Twin hot contacts (symmetrical pad layout)
■ Pick & place compatible
■ High cycle life
■ RoHS compliant* - see processing
information on RoHS compliant modular
contacts
■ Halogen free**
70AB/Female - Modular Contact
Product Dimensions
Materials & Finishes
Insulator.... Glass reinforced thermoplastic,
UL 94V-0 rated, black
Contact ...................................Copper alloy
Finish
Underplating....................... 30
μ” min. Ni
Contact Area ......... 30
μ” min. Au over Ni
Operating Characteristics
Electrical
Current Rating....................... 3 A/contact
Voltage Rating..................................60 V
Contact Resistance.... 25 milliohms max.
Dielectric Voltage .....................AC 500 V
Insulating Resistance .. 1000 Mohms min.
Operating Temperature
......................................-55 °C to +125 °C
Mechanical
Durability ..................... 5,000 cycles min.
How to Order
70AB J - 4 - F 0 E
Model
Terminal Style
Number of Contacts (N)
2, 3 or 4
Gender
F = Female
Options
0 = Standard
Packaging Option
E = Embossed Tape (500 pcs. per reel -
MSL-1)
DIMENSIONS:
MM
(INCHES)
TOLERANCES:
±0.25
UNLESS OTHERWISE NOTED
(±.010)
Number of
Contacts
Dimension
A
2
3.05
(.120)
3
4.32
(.170)
4
5.59
(.220)
Recommended PWB Layout
Number of
Contacts
Dimension
B
2
1.27
(.050)
3
2.54
(.100)
4
3.81
(.150)
* RoHS Directive 2002/95/EC Jan. 27, 2003 including
annex and RoHS Recast 2011/65/EU June 8, 2011.
** Bourns considers a product to be “halogen free” if
(a) the Bromine (Br) content is 900 ppm or less;
(b) the Chlorine (Cl) content is 900 ppm or less; and
(c) the total Bromine (Br) and Chlorine (Cl) content
is 1500 ppm or less.
Specifications are subject to change without notice.
The device characteristics and parameters in this data
sheet can and do vary in different applications and
actual device performance may vary over time.
Users should verify actual device performance in their
specific applications.


Similar Part No. - 70AB

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
70ABJ-3-M0E BOURNS-70ABJ-3-M0E Datasheet
177Kb / 2P
70AB/Male - Modular Contact
70ABJ-4-F0E BOURNS-70ABJ-4-F0E Datasheet
256Kb / 2P
Modular Contact
70ABJ-4-M0E BOURNS-70ABJ-4-M0E Datasheet
177Kb / 2P
70AB/Male - Modular Contact
More results

Similar Description - 70AB

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
70AAJ-4-F0G BOURNS-70AAJ-4-F0G Datasheet
163Kb / 2P
70AA/Female - Modular Contact
70AAJ-4-M0G BOURNS-70AAJ-4-M0G Datasheet
147Kb / 2P
70AA/Male - Modular Contact
70ABJ-4-M0E BOURNS-70ABJ-4-M0E Datasheet
177Kb / 2P
70AB/Male - Modular Contact
70ADJ-3-FL0G BOURNS-70ADJ-3-FL0G Datasheet
216Kb / 2P
70AD/Female - Modular Contact
70ADJ-3-ML0G BOURNS-70ADJ-3-ML0G Datasheet
243Kb / 2P
70AD/Male - Modular Contact
70ABJ-4-F0E BOURNS-70ABJ-4-F0E Datasheet
256Kb / 2P
Modular Contact
70AA BOURNS-70AA Datasheet
188Kb / 2P
Modular Contact
70AD BOURNS-70AD Datasheet
305Kb / 2P
Modular Contact
logo
WAGO Kontakttechnik Gmb...
2001-557 WAGO-2001-557 Datasheet
442Kb / 8P
Modular TOPJOB짰S connector; modular; for jumper contact slot
24.11.2021
2001-560 WAGO-2001-560 Datasheet
428Kb / 8P
Modular TOPJOB짰S connector; modular; for jumper contact slot
25.11.2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com