Electronic Components Datasheet Search
  English  ▼

X  

70AD Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 70AD
Description  Modular Contact
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

70AD Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  70AD Datasheet HTML 1Page - Bourns Electronic Solutions 70AD Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2.41
(.095)
7.57
(.298)
11.0
(.433)
A
B
4.0
(.157)
1.27
(.050)
DIA.
2 PLCS.
0.76
(.030)
1.27
(.050)
1.55 ± 0.17
(0.061 ± 0.0068)
4.0
(.157)
5.6
(.220)
11.2
(.441)
0.84
(0.033)
CONTACT POINT
15
° 2 PLCS
4.0
(.157)
NON-ACCUM
RECOMMENDED PWB MOUNTING PATTERN
2.55
(.100)
7.24
(.285)
9.63
(.379)
B
1.57
(.062)
70ADJ
70ADH
4.0
(.157)
TYP
1.27
(.050)
B
3.84
(.151)
4.2
(.165)
5.6
(.220)
11.2
(.439)
0.38
(.015)
15
° 2 PLCS
RECOMMENDED PWB PCB HOLE PATTERN
2.0
(.079)
0.76
(.030)
4.83
(.190)
1.55 ± 0.17
(0.061 ± 0.0068)
2.80
(.110)
THRU 2 PLCS
OPTIONAL
DIA. STANDOFFS
4 PLCS.
TYP
4.0
(.157)
11.15
(.439)
2.0
(.079)
1.0
(.039)
DIA
DIA
Features
■ 4 mm pitch
■ Low profile
■ Rugged design
■ Vertical or horizontal entry
■ RoHS compliant* - see processing
information on RoHS compliant surface
mount components
■ Halogen free**
70AD/Male - Modular Contact
Product Dimensions
Materials & Finishes
Insulator............................Glass reinforced
thermoplastic, UL 94V-0 rated, black
Contact ...................................Copper alloy
Finish
Underplating....................... 30
μ” min. Ni
Contact Area ......... 30
μ” min. Au over Ni
Termination ................................Tin alloy
(meets MIL-STD-202, method 208)
Operating Characteristics
Electrical
Current Rating................. DC 3 A/contact
Voltage Rating........................... DC 30 V
Contact Resistance............. 25 m
Ω max.
Dielectric Voltage .....................AC 500 V
Insulating Resistance......... 500 M
Ω min.
Operating Temperature
......................................-55 °C to 125 °C
Mechanical
Vibration....... 10-55 Hz, 0.06 inches D.A.
Shock ...................................50 G, 11 ms
Normal Force ................. 100 grams min.
at a working height of
0.51 mm (0.020 in.)
Durability ............................. 5,000 cycles
How to Order
70AD J - 3 - M L 0 G
Model
Terminal Style
J = SMT
H = Through-hole
Number of Contacts
2 through 6
Gender
M = Male
Height
L = Low Profile
Options
0 = Standard
1 = Locator Pins (J style only)
Packaging Option
__ = Tube (120/N pcs. or 120 contacts
per tube)
G = Embossed Tape (500 pcs. per reel)
Number of
Contacts
Dimension
A
Dimension
B
2
7.82
(.308)
5.11
(.201)
3
11.82
(.466)
9.11
(.359)
4
15.82
(.623)
13.11
(.516)
5
19.82
(.781)
17.11
(.674)
6
23.83
(.938)
21.11
(.831)
DIMENSIONS:
MM
(INCHES)
TOLERANCES:
±0.3
UNLESS OTHERWISE NOTED
(±.012)
* RoHS Directive 2002/95/EC Jan. 27, 2003 including
annex and RoHS Recast 2011/65/EU June 8, 2011.
** Bourns considers a product to be “halogen free” if
(a) the Bromine (Br) content is 900 ppm or less;
(b) the Chlorine (Cl) content is 900 ppm or less; and
(c) the total Bromine (Br) and Chlorine (Cl) content
is 1500 ppm or less.
Specifications are subject to change without notice.
The device characteristics and parameters in this data
sheet can and do vary in different applications and
actual device performance may vary over time.
Users should verify actual device performance in their
specific applications.


Similar Part No. - 70AD

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
70ADH-2-FL0 BOURNS-70ADH-2-FL0 Datasheet
216Kb / 2P
70AD/Female - Modular Contact
70ADH-2-FL0G BOURNS-70ADH-2-FL0G Datasheet
216Kb / 2P
70AD/Female - Modular Contact
70ADH-2-FL1 BOURNS-70ADH-2-FL1 Datasheet
216Kb / 2P
70AD/Female - Modular Contact
70ADH-2-FL1G BOURNS-70ADH-2-FL1G Datasheet
216Kb / 2P
70AD/Female - Modular Contact
70ADH-2-ML0 BOURNS-70ADH-2-ML0 Datasheet
243Kb / 2P
70AD/Male - Modular Contact
More results

Similar Description - 70AD

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
70AAJ-4-F0G BOURNS-70AAJ-4-F0G Datasheet
163Kb / 2P
70AA/Female - Modular Contact
70AAJ-4-M0G BOURNS-70AAJ-4-M0G Datasheet
147Kb / 2P
70AA/Male - Modular Contact
70ABJ-4-M0E BOURNS-70ABJ-4-M0E Datasheet
177Kb / 2P
70AB/Male - Modular Contact
70ADJ-3-FL0G BOURNS-70ADJ-3-FL0G Datasheet
216Kb / 2P
70AD/Female - Modular Contact
70ADJ-3-ML0G BOURNS-70ADJ-3-ML0G Datasheet
243Kb / 2P
70AD/Male - Modular Contact
70ABJ-4-F0E BOURNS-70ABJ-4-F0E Datasheet
256Kb / 2P
Modular Contact
70AA BOURNS-70AA Datasheet
188Kb / 2P
Modular Contact
70AB BOURNS-70AB Datasheet
256Kb / 2P
Modular Contact
logo
WAGO Kontakttechnik Gmb...
2001-557 WAGO-2001-557 Datasheet
442Kb / 8P
Modular TOPJOB짰S connector; modular; for jumper contact slot
24.11.2021
2001-560 WAGO-2001-560 Datasheet
428Kb / 8P
Modular TOPJOB짰S connector; modular; for jumper contact slot
25.11.2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com