Electronic Components Datasheet Search
  English  ▼

X  

601 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 601
Description  RC Network T-Filters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

601 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  601 Datasheet HTML 1Page - Bourns Electronic Solutions 601 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
■ Cost-effective R-C construction
■ Insulation resistance testing for reliability
■ Molded surface mount or DIP packaging
■ Compatible with automatic assembly
equipment
■ Custom value capability
■ RoHS compliant version available
(“L” part number suffix)
For information on EMI/RFI Filters, download
Bourns’ EMI/RFI Filters Application Note.
601 Series - RC Network T-Filters
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
General Description
Continual advances in digital IC technology are creating stringent demands on EMI/RFI
levels in equipment.
EMI/RFI low pass filters are required in personal computers, data terminals, test
equipment and process controllers for high frequency suppression into or out of
electronic equipment.
Electrical Specifications - Resistors
Standard Resistance Range* ...........................................................10 ohms - 100 ohms
Series Resistance Tolerance ................................................................................. ±10 %
Temperature Coefficient of Resistance ....................................................... ±300 ppm/°C
Operating Voltage................................................................................ 25 volts maximum
Operating Temperatures ....................................................................... +10 °C to +85 °C
*Other Resistance Values Available, 10 ohms - 1 megohm
Electrical Specifications - Capacitors
Standard Capacitance Range ................................................................ 50 pF to 200 pF
Capacitance Tolerance ........................................................................................... ±30 %
Temperature Characteristic .......................................................................................Z5U
Operating Temperatures........................................................................ +10 °C to +85 °C
Voltage Rating ...................................................................................................... 25 volts
Dielectric Withstand Voltage ...............................................................2.5 x rated voltage
Insulation Resistance ........................................................... 10,000 megohms minimum
Environmental Specifications - Resistors
∆R MAXIMUM
Thermal Shock ..................................................................................................... ±0.5 %
Resistance to Solder Heat .................................................................................... ±0.5 %
Terminal Strength ................................................................................................. ±0.5 %
Mechanical Specifications
Flammability ..................................................................................Conforms to UL94 V-0
Leadframe .................................................................................... Copper, solder coated
Body Material............................................................................................ Epoxy/Novolac
Lead Solderability .................................Meet requirements of MIL-STD-202 Method 208
Product Dimensions
For Standard Values Used in Capacitors, Inductors, and Resistors, click here.
4420P
.432 ± .056
(.017 ± .002)
.940 + .355
(.037 ± .014)
8° MAX.
7.493 ± .076
(.295 ± .003)
10.34 ± .25
(.407 ± .010)
TYP.
12.95 ± .07
(.510 ± .003)
1.27 ± .076
(.050 ± .003*)
TYP.
.127 + .127/ - .000
(.005 + .005/ - .000)
2.65
(.104)
MAX.
.305 + .000/ - .076
(.012 + .000/ - .003)
PIN #1 REF.
4118R AND 4120R
.635
(.025)
MAX.
27.05
(1.065)
MAX.
24.51
(.965)
TYP.
.89 ± .25
(.035 ± .010)
4.57 + .12/ - .28
(.180 + .005/ - .011)
MAX.
8.40
(.331)
3.43 + .38/ - .25
(.135 + .015/ - .010)
2.03 ± .12
(.080 ± .005)
2.54 ± .25
(.100 ± .010*)
TYP.
NON-ACCUM.
1.65 + .12/ - .07
(.065 + .005/ - .003)
.438 ± .050
(.019 ± .002)
TYP.
7.87 ± .25
(.310 ± .010)
TO OUTSIDE
WHEN PINS
ARE PARALLEL
6.71 ± .10
(.264 ± .004)
.76 ± .25
(.030 ± .010)
.254 ± .050
(.010 ± .002)
8.64 ± .50
(.340 ± .020)
Governing dimensions are metric. Dimensions in parentheses
are inches and are approximate.
*Terminal centerline to centerline measurements made at point of
emergence of the lead from the body.


Similar Part No. - 601

ManufacturerPart #DatasheetDescription
logo
Littelfuse
601 LITTELFUSE-601 Datasheet
99Kb / 1P
MINIATURE FUSEHOLDERS
logo
List of Unclassifed Man...
601 ETC2-601 Datasheet
206Kb / 1P
Wiha Quality Tools Toll Free: (800) 494-6104
logo
Willow Technologies Ltd
601 WILLOW-601 Datasheet
481Kb / 2P
Optically Isolated 5 and 10A/250 Vac
logo
Belden Inc.
601 BELDEN-601 Datasheet
389Kb / 4P
Fast Ethernet Cat5e Data Double-Ended Cordset
02-03-2025
logo
Adafruit Industries
601 ADAFRUIT-601 Datasheet
146Kb / 2P
Adafruit AVR ATmegaXX8 Pinout Sticker - 10 pcs
7/22/2015
More results

Similar Description - 601

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6500AA-2 NPC-SM6500AA-2 Datasheet
91Kb / 5P
RC Network with ESD Protection
logo
California Micro Device...
WLP200 CALMIRCO-WLP200 Datasheet
80Kb / 6P
WAFER LEVEL PACKAGE EVALUATION RC FILTER NETWORK
logo
MERITEK ELECTRONICS COR...
MCR MERITEK-MCR Datasheet
562Kb / 1P
RC Network (Snubber Capacitor)
logo
Bourns Electronic Solut...
4420P-601-RC BOURNS-4420P-601-RC Datasheet
220Kb / 2P
RC Networks T-Filters
logo
PCA ELECTRONICS INC.
EPJ9372 PCA-EPJ9372_15 Datasheet
157Kb / 1P
10Base-T Filters
logo
Bourns Electronic Solut...
4120R-601-RC BOURNS-4120R-601-RC_14 Datasheet
231Kb / 2P
RC Network T-Filters
4120R-601-101 BOURNS-4120R-601-101 Datasheet
231Kb / 2P
RC Network T-Filters
4120R-601-250 BOURNS-4120R-601-250 Datasheet
231Kb / 2P
RC Network T-Filters
4420P-601-201 BOURNS-4420P-601-201 Datasheet
231Kb / 2P
RC Network T-Filters
4420P-601-250 BOURNS-4420P-601-250 Datasheet
231Kb / 2P
RC Network T-Filters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com