Electronic Components Datasheet Search
  English  ▼

X  

700 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 700
Description  RC Terminator Networks
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

700 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  700 Datasheet HTML 1Page - Bourns Electronic Solutions 700 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
■ Low noise termination for CMOS
■ Combined resistors and capacitors in SIP
package saves space
■ Reduced insertion time
■ Insulation resistance testing for reliability
■ Pin counts from 4 to 16 available
■ RoHS compliant*
For information on RC Terminators,
download Bourns’ RC Terminator Networks
Application Note.
700 Series - RC Terminator Networks
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Electrical Characteristics - Resistors
Standard Resistance Range, ±5 % Tolerance............................. 22 ohms to 470K ohms
Operating Voltage................................................................................ 50 volts maximum
Electrical Characteristics - Capacitors
Capacitance Range ........................................................................... 39 pF to 47,000 pF
Capacitance Range ................................................................. 470 pF to 47,000 pF X7R
Capacitance Range ........................................................................ 39 pF to 470 pF NPO
Capacitance Tolerance ........................................................................................... ±20 %
Operating Temperature........................................................................... -30 °C to +85 °C
Voltage Rating ...................................................................................................... 50 volts
Physical Characteristics
Flammability ...................................................................................Conforms to UL94V-0
Lead Frame Material ..................................................................... Copper, solder coated
Body Material............................................................................................ Conformal coat
Product Dimensions
1
8
702
1
9
1
10
701
NO. OF
LINES
BOURNS P/N
PACKAGE
7
4608H-701-RC/CCL
High Profile
Conformal
SIP
8
4609H-701-RC/CCL
9
4610H-701-RC/CCL
NO. OF
LINES
BOURNS P/N
PACKAGE
8
4610H-702-RC/CCL
High Profile
Conformal
SIP
Typical Part Marking
A
MAXIMUM
PIN #1
REF.
Governing dimensions are metric. Dimensions in parentheses
are inches and are approximate.
**Terminal centerline to centerline measurements made at point of
emergence of the lead from the body.
8.5
(.335)
MAX.
1.24
(.049)
MAX.
BOTH ENDS
.508
± .050
(.020
± .002)
TYP.
2.54
± .07
(.100
± .003** )
TYP. NON-ACCUM.
3.81
(.150)
MAX.
.254
± .050
(.010
± .002)
TYP.
3.0 ~ 3.8
(.118 ~ 0.15)
Pin
A Maximum
Count
mm (Inches)
4
10.11 (.398)
5
12.65 (.498)
6
15.19 (.598)
7
17.73 (.698)
8
20.27 (.798)
9
22.81 (.898)
10
25.35 (.998)
11
27.89 (1.098)
12
30.43 (1.198)
13
32.97 (1.298)
14
35.51 (1.398)
15
38.04 (1.498)
16
40.59 (1.598)
ELECTRICAL
CONFIGURATION
• 1 = Single Termination
• 2 = Double Termination
RESISTANCE
CODE***
PIN ONE
INDICATOR
MODEL
• 7 = 700 Series
CAPACITANCE
CODE***
***See Standard Marking, Values and Codes tables.
7 1 J F
This series is currently available but
not recommended for new designs.


Similar Part No. - 700

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
700 MICROSEMI-700 Datasheet
82Kb / 2P
RECTIFIERS ASSEMBLIES THREE PHASE BRIDGES, 2.5 AMP, STANDARD AND FAST RECOVERY
logo
E-SWITCH
700 E-SWITCH-700 Datasheet
525Kb / 6P
PUSHBUTTON SWITCHES - SNAP-ACTING
logo
Honeywell Solid State E...
700 HONEYWELL-700 Datasheet
736Kb / 11P
Temperature Sensors Line Guide
logo
List of Unclassifed Man...
700 ETC2-700 Datasheet
310Kb / 1P
PHENOLIC INSTRUMENT CASES
logo
Laird Tech Smart Techno...
700 LSTD-700 Datasheet
296Kb / 2P
Highly compliant
More results

Similar Description - 700

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BB1110TB ETC-BB1110TB Datasheet
91Kb / 4P
DDR SDRAM TERMINATOR NETWORKS.
logo
KOA Speer Electronics, ...
ACBQ20T KOA-ACBQ20T Datasheet
95Kb / 2P
AC terminator networks
CTXS03T KOA-CTXS03T Datasheet
75Kb / 1P
PECL clock terminator networks
logo
Panasonic Semiconductor
EZA-CT31AAAJ PANASONIC-EZA-CT31AAAJ Datasheet
430Kb / 9P
Chip RC Networks
logo
Bourns Electronic Solut...
4420P-601-RC BOURNS-4420P-601-RC Datasheet
220Kb / 2P
RC Networks T-Filters
4608H-701-RC BOURNS-4608H-701-RC Datasheet
349Kb / 2P
RC Terminator Networks
logo
Panasonic Semiconductor
EZA-ST21AAAJ PANASONIC-EZA-ST21AAAJ Datasheet
430Kb / 9P
Chip RC Networks
EZA-ST61AAAJ PANASONIC-EZA-ST61AAAJ Datasheet
430Kb / 9P
Chip RC Networks
logo
Bourns Electronic Solut...
4609H-701-101 BOURNS-4609H-701-101 Datasheet
332Kb / 2P
RC Terminator Networks
4610H-701-470 BOURNS-4610H-701-470 Datasheet
332Kb / 2P
RC Terminator Networks
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com