Electronic Components Datasheet Search
  English  ▼

X  

RDB151 Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # RDB151
Description  SINGLE PHASE 1.5AMP GLASS PASSIVATED BRIDGE RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

RDB151 Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  RDB151 Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. RDB151 Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. RDB151 Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
version:02
@IF=1.5A
1.5
RDB157
RDB156
RDB155
RDB154
RDB153
RDB152
RDB151
55
1. AMP
250
500
1.3
RRM
J
C
SINGLE PHASE
GLASS PASSIVATED BRIDGE RECTIFIER
Features
Mechanical Data
· Case: DB-M, molded plastic
· Terminals: plated leads solderable per
MIL-STD-202, Method 208
· Polarity: as marked on case
· Mounting position: Any
· Marking: type number
· Lead Free: For RoHS / Lead Free
Maximum Ratings and Electrical Characteristics
Rating at 25℃ ambient temperature unless otherwise specified.
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
SYMBOL
UNITS
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
V
50
100
200
400
600
800
1000
V
VRWM
VDC
RMS Reverse Voltage
VRMS
35
70
140
280
420
560
700
V
Average Rectified Output Current (Note 1)@T
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
A
Forward Voltage per element
VFM
V
Peak Reverse Current
@TA=25℃
At Rated DC Blocking Voltage
@TA=125℃
IR
5.0
200
uA
Typical Junction Capacitance per leg
25
pF
Typical Thermal Resistance per leg
(Note 2)
RθJA
40
℃
/W
RθJL
15
Operating and Storage Temperature Range
TJ,TSTG
-55to+150
℃
Note:1. Mounted on glass epoxy PC board with 1.3mm
2 solder pad.
2.Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
1 of 3
Maximum reverse recovery time
ns
150
RR
T
(
Note 3)
RDB151
RDB157
THRU
5
www.dyelec.com
0
· Glass passivated die construction
· Low forward voltage drop
· High current capability
· High surge current capability
· Designed for surface mount application
· Plastic material-UL flammability 94V-
DB-M
Dimensions in inches and (millimeters)
Version
I2t Rating for Fusing (t < 8.3ms)
t
2
I
A
2s
12.554
0.024
0.016
0.60
0.40
0.193
0.209
4.9
5.3
0.179
0.195
4.55
4.95
0.313 7.95
0.329
8.35
0.083
2.10
(
)
(
)
0.098(2.50)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
0.047
1.20
0.95
(
)
0.037(
)
-
+
~
~
0.358
0.335
9.1
8.5
0.0098
0.25
(
)
0.0059(0.15)
(
)
(
)
C
=100℃
IF(AV)


Similar Part No. - RDB151

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
RDB151 DYELEC-RDB151 Datasheet
1Mb / 2P
High current capability
RDB151S DYELEC-RDB151S Datasheet
1Mb / 2P
High surge current capability
RDB151S DYELEC-RDB151S Datasheet
2Mb / 3P
SINGLE PHASE 1.5AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
RDB151S DYELEC-RDB151S_17 Datasheet
2Mb / 3P
SINGLE PHASE 1.5AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - RDB151

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
DBL151G TSC-DBL151G_11 Datasheet
132Kb / 2P
Single Phase 1.5AMP. Glass Passivated Bridge Rectifiers
logo
DIYI Electronic Technol...
DB151 DYELEC-DB151 Datasheet
1Mb / 2P
SINGLE PHASE 1.5AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DB151S DYELEC-DB151S Datasheet
1Mb / 2P
SINGLE PHASE 1.5AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
EDB151S DYELEC-EDB151S Datasheet
1Mb / 2P
SINGLE PHASE 1.5AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
RDB151S DYELEC-RDB151S_17 Datasheet
2Mb / 3P
SINGLE PHASE 1.5AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UDB151 DYELEC-UDB151_17 Datasheet
2Mb / 3P
SINGLE PHASE 1.5AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UDB151S DYELEC-UDB151S_17 Datasheet
3Mb / 3P
SINGLE PHASE 1.5AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
RABS152 DYELEC-RABS152_17 Datasheet
4Mb / 3P
SINGLE PHASE 1.5AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
RABF152 DYELEC-RABF152_17 Datasheet
3Mb / 3P
SINGLE PHASE 1.5AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
DB151 DYELEC-DB151_16 Datasheet
2Mb / 3P
SINGLE PHASE 1.5AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com