Electronic Components Datasheet Search
  English  ▼

X  

UG2KB05 Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # UG2KB05
Description  SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

UG2KB05 Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  UG2KB05 Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. UG2KB05 Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. UG2KB05 Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UG2KB05 THRU UG2KB100
1.Measured at 1.0 MHZ and applied reverse voltage of 4.0VD.C.
Note:
1.0
version: 02
60
Mechanical Data
SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
Features
UNIT
V
A
V
Forward Voltage per element @IF=2.0A
VFM
1.1
IF(AV)
2.0
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed
on rated load (JEDEC Method)
IFSM
VRRM
VRWM
VDC
Maximum Ratings and Electrical Characteristics
Rating at 25℃ ambient temperature unless otherwise specified.
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
1 of 3
www.dyelec.com
Peak Repetitive Reverse
Voltage Working Peak Reverse
Voltage DC Blocking Voltage
UG2K
Terminal: Plated leads solderable
per MIL-STD 202,Method 208
Case: D3K,molded plastic
·
Polarity: As Marked on case
·
Mounting Position:Any
·
·
Marking: Type Number
·
Lead Free: For RoHS/Lead Free Version
·
TYPE NUMBER
SYMBOL
RMS Reverse Voltage
VRMS
A
V
℃
Operating and Storage Temperature Range
TJ,TSTG
-55 to +150
Typical thermal resistance per leg
℃
/W
RθJA
55
RθJL
CJ
pF
21
Typical Juntion Capacitance per leg (Note 1)
15
uA
IR
5.0
500
·
High surge current capability
·
Designed for surface mount application
·
Glass passivated die construction
·
High current capability
Plastic material-UL flammability 94V-0
·
·
Low forward voltage drop
Maximum DC reverse current at TA=25℃
rated DC blocking voltage per leg TA=125℃
Dimiensions in inches and (milimeters)
=90
Average Rectified
Without heat sink
With heat sink
Output Current
C
@TC=90℃
@T
℃
UG2K
B05
UG2K
B10
UG2K
B20
UG2K
B40
UG2K
B60
UG2K
B80
B100
35
70
140
280
420
560
700
50
100
200
400
600
800
1000
A
t
I2t Rating for Fusing (t < 8.3ms)
2
2s
I
14.94
0.325(8.25)
0.341(8.65)
0.555 (14.1)
0.016(0.4)
0.024(0.6)
D3K
0.130 (3.3)
0.114 (2.9)
0.531 (13.5)
0.043 (1.1)
0.035 (0.90)
0.055
0.039
0.091
0.079
0.234
0.160
0.034
0.026
0.162
0.140
0.114
0.098
0.157
0.136


Similar Part No. - UG2KB05

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
UG2KB05 GULFSEMI-UG2KB05 Datasheet
160Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current:2.0A
logo
WILLAS ELECTRONIC CORP
UG2KB05 WILLAS-UG2KB05 Datasheet
459Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
UG2KB05 JUXING-UG2KB05 Datasheet
703Kb / 2P
BRIDGE RECTIFIERS
logo
Microdiode Semiconducto...
UG2KB05 CHENDA-UG2KB05 Datasheet
1Mb / 2P
SILICON BRIDGE RECTIFIERS
logo
DIYI Electronic Technol...
UG2KB05 DYELEC-UG2KB05 Datasheet
442Kb / 2P
SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - UG2KB05

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
KBP2005G SMC-KBP2005G Datasheet
158Kb / 4P
SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
logo
DIYI Electronic Technol...
KBP2005 DYELEC-KBP2005 Datasheet
192Kb / 2P
SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
KBP2005G DYELEC-KBP2005G Datasheet
194Kb / 2P
SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
UG2KB05G DYELEC-UG2KB05G Datasheet
433Kb / 2P
SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
UG2KB05A DYELEC-UG2KB05A Datasheet
433Kb / 2P
SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
UG2KB05 DYELEC-UG2KB05 Datasheet
442Kb / 2P
SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
RDB201 DYELEC-RDB201_17 Datasheet
2Mb / 3P
SINGLE PHASE 2.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
RDB201S DYELEC-RDB201S_17 Datasheet
2Mb / 3P
SINGLE PHASE 2.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
SMC Diode Solutions Co....
KBP2005G SMCDIODE-KBP2005G_V01 Datasheet
403Kb / 5P
SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
Rev. A
KBP2005G SMCDIODE-KBP2005G Datasheet
403Kb / 5P
SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
Rev. A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com