Electronic Components Datasheet Search
  English  ▼

X  

74HC2G126 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC2G126
Description  Dual buffer/line driver; 3-state
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC2G126 Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC2G126 Datasheet HTML 1Page - NXP Semiconductors 74HC2G126 Datasheet HTML 2Page - NXP Semiconductors 74HC2G126 Datasheet HTML 3Page - NXP Semiconductors 74HC2G126 Datasheet HTML 4Page - NXP Semiconductors 74HC2G126 Datasheet HTML 5Page - NXP Semiconductors 74HC2G126 Datasheet HTML 6Page - NXP Semiconductors 74HC2G126 Datasheet HTML 7Page - NXP Semiconductors 74HC2G126 Datasheet HTML 8Page - NXP Semiconductors 74HC2G126 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2003 Mar 03
2
Philips Semiconductors
Product specification
Dual buffer/line driver; 3-state
74HC2G126; 74HCT2G126
FEATURES
• Wide operating voltage from 2.0 to 6.0 V
• Symmetrical output impedance
• High noise immunity
• Low power dissipation
• Balanced propagation delays
• Very small 8 pins package
• Output capability: bus driver
• ESD protection:
– HBM EIA/JESD22-A114-A exceeds 2000 V
– MM EIA/JESD22-A115-A exceeds 200 V
• Specified from −40 to +85 °C and −40 to +125 °C.
DESCRIPTION
The 74HC2G/HCT2G126 is a high-speed Si-gate CMOS
device.
The 74HC2G/HCT2G126 provides one non-inverting
buffer/line driver with 3-state output. The 3-state output is
controlled by the output enable input pin (OE). A LOW at
pin OE causes the output as assume a high-impedance
OFF-state.
The bus driver output currents are equal compared to the
74HC/HCT126.
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =rf ≤ 6.0 ns.
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in Volts;
N = total switching outputs;
Σ(CL × VCC2 × fo) = sum of the outputs.
2. For the 74HC2G126 the condition is VI = GND to VCC.
For the 74HCT2G126 the condition is VI = GND to VCC − 1.5 V.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
HC2G
HCT2G
tPHL/tPLH
propagation delay nA to nY
CL = 15 pF; VCC = 5 V
1012ns
CI
input capacitance
1
1
pF
CO
output capacitance
1.5
1.5
pF
CPD
power dissipation capacitance
per buffer
output enabled; notes 1 and 2
11
11
pF
output disabled; notes 1 and 2
1
1
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com